Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 335 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 335 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 331Page - ATMEL Corporation AT90SCR100 Datasheet HTML 332Page - ATMEL Corporation AT90SCR100 Datasheet HTML 333Page - ATMEL Corporation AT90SCR100 Datasheet HTML 334Page - ATMEL Corporation AT90SCR100 Datasheet HTML 335Page - ATMEL Corporation AT90SCR100 Datasheet HTML 336Page - ATMEL Corporation AT90SCR100 Datasheet HTML 337Page - ATMEL Corporation AT90SCR100 Datasheet HTML 338Page - ATMEL Corporation AT90SCR100 Datasheet HTML 339Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 433 page
background image
335
TPR0327AY–SMS–30Jan09
AT90SCR100
24. Random Number Generator
24.1
Features
• Automatic generation of 8-bits Random Number
• Private Oscillator source used for unpredictable random generation
24.2
RNG Definition
The Random Number Generator of the AT90SCR100 uses a specific oscillator source controlled
by the RNGCR.ROSCE bit.
This oscillator adapt is used to activate a hardware process.
This hardware process can be seeded through the LFSR3 to LFSR0 registers.
The result of the hardware post-processing can be read from the RDWDR register.
LFSR3 to LFSR0 registers must be changed while the oscillator source is stopped
(RNGCR.ROSCE bit is cleared).
When RNGCR.ROSCE bit is cleared, the oscillator source is stopped (as well as the shift regis-
ter and the hardware post processing).
When RNGCR.ROSCE bit is set, the oscillator is activated and the configuration of the shift reg-
ister and of the hardware post-processing depends on the LFSR registers and previous
hardware iterations.
After chip start-up, some oscillator cycles will be performed in order to initialise to a
different random value after each chip power-up.
Oscillator
Hardware
Postprocessing
LFSR0
to
LFSR3
RDWDR
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com