Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 331 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 331 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 327Page - ATMEL Corporation AT90SCR100 Datasheet HTML 328Page - ATMEL Corporation AT90SCR100 Datasheet HTML 329Page - ATMEL Corporation AT90SCR100 Datasheet HTML 330Page - ATMEL Corporation AT90SCR100 Datasheet HTML 331Page - ATMEL Corporation AT90SCR100 Datasheet HTML 332Page - ATMEL Corporation AT90SCR100 Datasheet HTML 333Page - ATMEL Corporation AT90SCR100 Datasheet HTML 334Page - ATMEL Corporation AT90SCR100 Datasheet HTML 335Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 433 page
background image
331
TPR0327AY–SMS–30Jan09
AT90SCR100
Writing a ‘0’ or a ‘1’ into this bit will erase all the bits (including this one) of the KBFR register
• Bit 2 - KBF2 : Keyboard Flag for KbIN2 pin
Set by hardware when the pin function KbIN2 (PA2) detects a programmed level. It generates a
Keyboard interrupt request if the KBER.KBE2 bit is set.
Writing a ‘0’ or a ‘1’ into this bit will erase all the bits (including this one) of the KBFR register
• Bit 1 - KBF1: Keyboard Flag for KbIN1 pin
Set by hardware when the pin function KbIN1 (PA1) detects a programmed level. It generates a
Keyboard interrupt request if the KBER.KBE1 bit is set.
Writing a ‘0’ or a ‘1’ into this bit will erase all the bits (including this one) of the KBFR register
• Bit 0 - KBF0 : Keyboard Flag for KbIN0 pin
Set by hardware when the pin function KbIN0 (PA0) detects a programmed level. It generates a
Keyboard interrupt request if the KBER.KBE0 bit is set.
Writing a ‘0’ or a ‘1’ into this bit will erase all the bits (including this one) of the KBFR register
23.3.2
KBER - KeyBoard Enable Register
• Bit 7- KBE7 : Keyboard KbIN7 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBFR.KBF7 to generate an interrupt request.
• Bit 6- KBE6 : Keyboard KbIN6 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBFR.KBF6 to generate an interrupt request.
• Bit 5- KBE5 : Keyboard KbIN5 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBFR.KBF5 to generate an interrupt request.
• Bit 4 - KBE4 : Keyboard KbIN4 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBFR.KBF4 to generate an interrupt request.
• Bit 3 - KBE3 : Keyboard KbIN3 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBFR.KBF3 to generate an interrupt request.
• Bit 2 - KBE2 : Keyboard KbIN2 Enable bit
Cleared to enable standard I/O pin.
Bit
7654
3
2
1
0
$008E
KBE7
KBE6
KBE5
KBE4
KBE3
KBE2
KBE1
KBE0
KBER
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com