Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 330 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 330 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 326Page - ATMEL Corporation AT90SCR100 Datasheet HTML 327Page - ATMEL Corporation AT90SCR100 Datasheet HTML 328Page - ATMEL Corporation AT90SCR100 Datasheet HTML 329Page - ATMEL Corporation AT90SCR100 Datasheet HTML 330Page - ATMEL Corporation AT90SCR100 Datasheet HTML 331Page - ATMEL Corporation AT90SCR100 Datasheet HTML 332Page - ATMEL Corporation AT90SCR100 Datasheet HTML 333Page - ATMEL Corporation AT90SCR100 Datasheet HTML 334Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 433 page
background image
330
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 23-2.
Keyboard Input Circuitry
23.2.3
Power Reduction Mode
Keyboard inputs allow wake up from power-down, power-save, Standby, Extended Standbay
modes “Active Clock Domains and Wake-up Sources in the Different Sleep Modes.” on page 44.
23.3
Keyboard Register Description
23.3.1
KBFR - KeyBoard Flag Register
• Bit 7- KBF7: Keyboard Flag for KbIN7 pin
Set by hardware when the pin function KbIN7 (PA7) detects a programmed level. It generates a
Keyboard interrupt request if the KBER.KBE7 bit is set.
Writing a ‘0’ or a ‘1’ into this bit will erase all the bits (including this one) of the KBFR register
• Bit 6 - KBF6: Keyboard Flag for KbIN6 pin
Set by hardware when the pin function KbIN6 (PA6) detects a programmed level. It generates a
Keyboard interrupt request if the KBER.KBE6 bit is set.
Writing a ‘0’ or a ‘1’ into this bit will erase all the bits (including this one) of the KBFR register
• Bit 5 - KBF5: Keyboard Flag for KbIN5 pin
Set by hardware when the pin function KbIN5 (PA5) detects a programmed level. It generates a
Keyboard interrupt request if the KBER.KBE5 bit is set.
Writing a ‘0’ or a ‘1’ into this bit will erase all the bits (including this one) of the KBFR register
• Bit 4 - KBF4: Keyboard Flag for KbIN4 pin
Set by hardware when the pin function KbIN4 (PA4) detects a programmed level. It generates a
Keyboard interrupt request if the KBER.KBE4 bit is set.
Writing a ‘0’ or a ‘1’ into this bit will erase all the bits (including this one) of the KBFR register
• Bit 3 - KBF3 : Keyboard Flag for KbIN3 pin
Set by hardware when the pin function KbIN3 (PA3) detects a programmed level. It generates a
Keyboard interrupt request if the KBER.KBE3 bit is set.
KBLS.x
KbIN x
KBF.x
KBE.x
0
1
Bit
7654
3
2
1
0
$008F
KBF7
KBF6
KBF5
KBF4
KBF3
KBF2
KBF1
KBF0
KBFR
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com