Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 332 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 332 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 328Page - ATMEL Corporation AT90SCR100 Datasheet HTML 329Page - ATMEL Corporation AT90SCR100 Datasheet HTML 330Page - ATMEL Corporation AT90SCR100 Datasheet HTML 331Page - ATMEL Corporation AT90SCR100 Datasheet HTML 332Page - ATMEL Corporation AT90SCR100 Datasheet HTML 333Page - ATMEL Corporation AT90SCR100 Datasheet HTML 334Page - ATMEL Corporation AT90SCR100 Datasheet HTML 335Page - ATMEL Corporation AT90SCR100 Datasheet HTML 336Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 433 page
background image
332
TPR0327AY–SMS–30Jan09
AT90SCR100
Set to enable KBFR.KBF2 to generate an interrupt request.
• Bit 1 - KBE1 : Keyboard KbIN1 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBFR.KBF1 to generate an interrupt request.
• Bit 0 - KBE0 : Keyboard KbIN0 Enable bit
Cleared to enable standard I/O pin.
Set to enable KBFR.KBF0 to generate an interrupt request.
23.3.3
KBLSR - KeyBoard Level Selection Register
• Bit 7- KBLS7 : Keyboard KbIN7 Level Selection bit
Cleared to enable low level detection on KbIN7.
Set to enable a high level detection on KbIN7.
• Bit 6- KBLS6 : Keyboard KbIN6 Level Selection bit
Cleared to enable low level detection on KbIN6.
Set to enable a high level detection on KbIN6.
• Bit 5 - KBLS5 : Keyboard KbIN5 Level Selection bit
Cleared to enable low level detection on KbIN5.
Set to enable a high level detection on KbIN5.
• Bit 4 - KBLS4 : Keyboard KbIN4 Level Selection bit
Cleared to enable low level detection on KbIN4.
Set to enable a high level detection on KbIN4.
• Bit 3 - KBLS3 : Keyboard KbIN3 Level Selection bit
Cleared to enable low level detection on KbIN3.
Set to enable a high level detection on KbIN3.
• Bit 2 - KBLS2 : Keyboard KbIN2 Level Selection bit
Cleared to enable low level detection on KbIN2.
Set to enable a high level detection on KbIN2.
• Bit 1 - KBLS4 : Keyboard KbIN1 Level Selection bit
Cleared to enable low level detection on KbIN1.
Set to enable a high level detection on KbIN1.
Bit
7654
3
2
1
0
$008D
KBLS7
KBLS6
KBLS5
KBLS4
KBLS3
KBLS2
KBLS1
KBLS0
KBLSR
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com