Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 329 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 329 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 325Page - ATMEL Corporation AT90SCR100 Datasheet HTML 326Page - ATMEL Corporation AT90SCR100 Datasheet HTML 327Page - ATMEL Corporation AT90SCR100 Datasheet HTML 328Page - ATMEL Corporation AT90SCR100 Datasheet HTML 329Page - ATMEL Corporation AT90SCR100 Datasheet HTML 330Page - ATMEL Corporation AT90SCR100 Datasheet HTML 331Page - ATMEL Corporation AT90SCR100 Datasheet HTML 332Page - ATMEL Corporation AT90SCR100 Datasheet HTML 333Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 433 page
background image
329
TPR0327AY–SMS–30Jan09
AT90SCR100
23. Keyboard Interface
23.1
Features
• Allows connection of a 8x8 matrix keyboard
• Based on 8 inputs pins and 8 outputs specific pins
• Supports slow edge pads to avoid abusive EMC generation (on outputs pads only)
• Specific Keyboard pins only available in Full Pin Count package. See “Pin List Configuration” on
page 5.
• Allows chip wake-up on key pressed event
23.2
General Description
23.2.1
Overview
The keyboard interfaces with the AVR core through 3 registers: KBLS, the Keyboard Level
Selection register (page 332), KBE, The Keyboard interrupt Enable register (page 331), and
KBF, the Keyboard Flag register (page 330).
23.2.2
Interrupt
The keyboard inputs are considered as 8 independant interrupt sources sharing the same inter-
rupt vector. An interrupt enable bit allows global enable or disable of the keyboard interrupt (see
Figure 23-1). As detailed in Figure 23-2 each keyboard input can detect a programmable level
according to KBLS.x bit value. Level detection is then reported in interrupt flags KBFR.x that can
be masked by software using KBER.x bits.
The KBFR.x flags are set by hardware when an active level is on input PAx.
The KBFR register is reset by writing any data inside the KBFR.
Figure 23-1.
Keyboard Interface Block Diagram
You can choose to create a Keyboard interface only by using Pin Change Man-
agement.This module’s purpose is to ease the creation of little Pinpads.
Note
Input Circuitry
Input Circuitry
Input Circuitry
Input Circuitry
Input Circuitry
KbIN 0
KbIN 1
KbIN 2
KbIN 3
KbIN 4
PA0:
PA1:
PA2:
PA3:
PA4:
Input Circuitry
KbIN 5
PA5:
Input Circuitry
KbIN 6
PA6:
Input Circuitry
KbIN 7
PA7:
Global IT bit
Keyboard IT
Keyboard interface
Interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com