Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 336 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 336 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 332Page - ATMEL Corporation AT90SCR100 Datasheet HTML 333Page - ATMEL Corporation AT90SCR100 Datasheet HTML 334Page - ATMEL Corporation AT90SCR100 Datasheet HTML 335Page - ATMEL Corporation AT90SCR100 Datasheet HTML 336Page - ATMEL Corporation AT90SCR100 Datasheet HTML 337Page - ATMEL Corporation AT90SCR100 Datasheet HTML 338Page - ATMEL Corporation AT90SCR100 Datasheet HTML 339Page - ATMEL Corporation AT90SCR100 Datasheet HTML 340Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 433 page
background image
336
TPR0327AY–SMS–30Jan09
AT90SCR100
24.3
Random Number Generator Registers
24.3.1
RNGCR - Random Number Generator Control Register
• Bit 7..1 : Reserved for Future Use
These bits are reserved for future use.
• Bit 0 - ROSCE: Random Oscillator Enable
Set this bit to enable the oscillator source and to start the Random Number Generation.
Clear this bit to stop the execution of the Random Number Generator. The value of the LFSRn
and RDWDR registers will retain the value of the last oscillator step.
24.3.2
LFSR0 to LFSR3 - Initialization Registers
• Bit 31..0 - LFSDxx: Current LFSR Generator Value
These registers can be loaded, with an initial seed value for the hardware process, if the
PMCR.ROSCE bit is cleared. The values of LFSRx registers are changed between two AVR
clock cycles.
Bit
7654
3
2
1
0
$000095
-----
-
-
ROSCE
RNGCR
Read/write
RRRRR
R
R
R/W
Initial value
0000
0
0
0
0
0x00
Bit
7654
3
2
1
0
$000094
LFSD [31..24]
LFSR3
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
x
x
x
x
x
x
x
x
Bit
7654
3
2
1
0
$000093
LFSD [23..16]
LFSR2
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
x
x
x
x
x
x
x
x
Bit
7654
3
2
1
0
$000092
LFSD [15..8]
LFSR1
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
x
x
x
x
x
x
x
x
Bit
7654
3
2
1
0
$000091
LFSD [7..0]
LFSR0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
x
x
x
x
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com