Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 342 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 342 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 338Page - ATMEL Corporation AT90SCR100 Datasheet HTML 339Page - ATMEL Corporation AT90SCR100 Datasheet HTML 340Page - ATMEL Corporation AT90SCR100 Datasheet HTML 341Page - ATMEL Corporation AT90SCR100 Datasheet HTML 342Page - ATMEL Corporation AT90SCR100 Datasheet HTML 343Page - ATMEL Corporation AT90SCR100 Datasheet HTML 344Page - ATMEL Corporation AT90SCR100 Datasheet HTML 345Page - ATMEL Corporation AT90SCR100 Datasheet HTML 346Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 433 page
background image
342
TPR0327AY–SMS–30Jan09
AT90SCR100
This bit is set and cleared by software.
Set this bit to perform AES encryption when setting AESGO.
Clear this bit to perform AES decryption when setting AESGO.
• Bit 0 - AESGO : AES Run Bit
This bit is set by software and cleared by hardware.
Set this bit to run AES operation specified by the other register settings.
This bit is cleared by hardware when the AES operation is complete. If this bit is equal to one,
then the AES block is running and busy.
25.3.2
AESACR - AES Access Control Register
• Bit 7..4 - Reserved Bits
These bits are reserved for future use.
• Bit 3 - XOR : XOR Mode
This bit is set and cleared by software. This bit has no influence if the KD bit is set.
When this bit is cleared, writing new data in AESDR will copy the data in AES data memory, in
accordance with AESADDR register.
When this bit is set and new data is written into the AESDR, the data to the AES data memory,
according to AESADDR register, will be ‘xored’ with the new data. This is useful when perform-
ing a CBC algorithm, or MAC generation.
• Bit 2 - MANINC : Manual Increment bit
This bit is a write-only bit and always reads as ‘0’. This bit can only be set.
Setting this bit will increment the AESADDR register by one.
• Bit 1 - AUTOINC : Automatic Increment Bit
This bit is set and cleared by software.
If this bit is set, writing new data in th AESDR register will automatically increment the
AESADDR register by one, after the new data is loaded. The mechanism of automatic AESDR
changes are active, which means that the AESDR contents will be updated with the data pointed
by the new AESADDR register value.
If this bit is cleared, the automatic increment is disabled.
• Bit 0 - KD : Key/Data bit
Bit
7654
3
2
1
0
$0079
-
-
-
-
XOR
MANINC
AUTOINC
KD
AESACR
Read/write
RRRR
R/W
W
R/W
R/W
Initial value
0000
0
0
1
0
0x02
When performing a write operation to the AESACR register, with this bit set, it is
not possible to change the state of the other register bits. This prevents the user
accidentally changing the functional operation of the AES during a manual incre-
ment operation.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com