Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 379 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 379 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 375Page - ATMEL Corporation AT90SCR100 Datasheet HTML 376Page - ATMEL Corporation AT90SCR100 Datasheet HTML 377Page - ATMEL Corporation AT90SCR100 Datasheet HTML 378Page - ATMEL Corporation AT90SCR100 Datasheet HTML 379Page - ATMEL Corporation AT90SCR100 Datasheet HTML 380Page - ATMEL Corporation AT90SCR100 Datasheet HTML 381Page - ATMEL Corporation AT90SCR100 Datasheet HTML 382Page - ATMEL Corporation AT90SCR100 Datasheet HTML 383Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 433 page
background image
379
TPR0327AY–SMS–30Jan09
AT90SCR100
29.2
Fuse Bits
The AT90SCR100 has four Fuse bytes. Table 29-3 - Table 29-5 describe briefly the functionality
of all the fuses and how they are mapped into the Fuse bytes. Note that the fuses are read as
logical zero, “0”, if they are programmed.
Notes: 1. Refer to Table 9-2 on page 54 to get decoding of BODENABLE bit.
Notes: 1. Never ship a product with the OCDEN Fuse programmed regardless of the setting of Lock bits
and JTAGEN Fuse. A programmed OCDEN Fuse enables some parts of the clock system to
be running in all sleep modes. This may increase the power consumption.
2. The SPIEN Fuse is not accessible in serial programming mode.
3. See “WDTCSR – Watchdog Timer Control Register” on page 61 for details.
4. The default value of BOOTSZ1..0 results in maximum Boot Size. See Table 28-7 on page 376
for details
Table 29-3.
Extended Fuse Byte
Fuse Low Byte
Bit No
Description
Default Value
–7
–
1
–6
–
1
–5
–
1
–4
–
1
–3
–
1
–2
–
1
–1
–
1
BODENABLE(1)
0
Brown-out Detector Enable Control
1 (unprogrammed)
Table 29-4.
Fuse High Byte
Fuse High Byte
Bit No
Description
Default Value
OCDEN(1)
7
Enable OCD
1 (unprogrammed, OCD
disabled)
JTAGEN
6
Enable JTAG
0 (programmed, JTAG
enabled)
SPIEN(2)
5
Enable Serial Program and Data
Downloading
0 (programmed, SPI prog.
enabled)
WDTON(3)
4
Watchdog Timer always on
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved
through the Chip Erase
1 (unprogrammed, EEPROM
not preserved)
BOOTSZ1
2
Select Boot Size (see Table 28-7 for
details)
0 (programmed)(4)
BOOTSZ0
1
Select Boot Size (see Table 28-7 for
details)
0 (programmed)(4)
BOOTRST
0
Select Reset Vector
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com