Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 381 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 381 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 377Page - ATMEL Corporation AT90SCR100 Datasheet HTML 378Page - ATMEL Corporation AT90SCR100 Datasheet HTML 379Page - ATMEL Corporation AT90SCR100 Datasheet HTML 380Page - ATMEL Corporation AT90SCR100 Datasheet HTML 381Page - ATMEL Corporation AT90SCR100 Datasheet HTML 382Page - ATMEL Corporation AT90SCR100 Datasheet HTML 383Page - ATMEL Corporation AT90SCR100 Datasheet HTML 384Page - ATMEL Corporation AT90SCR100 Datasheet HTML 385Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 433 page
background image
381
TPR0327AY–SMS–30Jan09
AT90SCR100
• SN2: Production year
• SN3: Fab & Quarter
• SN4: Lot number high order byte
• SN5: Lot number low order byte
• SN6: Wafer number within the lot
• SN7: Chip number (on the Wafer) low order byte (row number)
• SN8: Chip number (on the Wafer) high order byte (column number)
29.4
Calibration Byte
The AT90SCR100 has a byte calibration value for the internal RC Oscillator. This byte resides in
the high byte of address 0x000 in the signature address space. During reset, this byte is auto-
matically written into the internal calibration register to ensure correct frequency of the calibrated
RC Oscillator.
29.5
Page Size
29.6
Serial Downloading
Both the Flash and EEPROM memory arrays can be programmed using a serial programming
bus while RESET is pulled to GND. The serial programming interface consists of pins SCK,
MOSI (input) and MISO (output). After RESET is set low, the Programming Enable instruction
needs to be executed first before program/erase operations can be executed.
29.6.1
Serial Programming Pin Mapping
Table 29-7.
No. of Words in a Page and No. of Pages in the Flash
Device
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
AT90SCR100
32K words (64 Kbytes)
128 words
PC[6:0]
256
PC[14:7]
14
Table 29-8.
No. of Words in a Page and No. of Pages in the EEPROM
Device
EEPROM Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
AT90SCR100
4 Kbytes
32 bytes
EEA[2:0]
128
EEA[10:3]
10
Table 29-9.
Pin Mapping Serial Programming
Symbol
Pins
I/O
Description
MOSI
PB5
I
Serial Data in
MISO
PB6
O
Serial Data out
SCK
PB7
I
Serial Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com