Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 380 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 380 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 376Page - ATMEL Corporation AT90SCR100 Datasheet HTML 377Page - ATMEL Corporation AT90SCR100 Datasheet HTML 378Page - ATMEL Corporation AT90SCR100 Datasheet HTML 379Page - ATMEL Corporation AT90SCR100 Datasheet HTML 380Page - ATMEL Corporation AT90SCR100 Datasheet HTML 381Page - ATMEL Corporation AT90SCR100 Datasheet HTML 382Page - ATMEL Corporation AT90SCR100 Datasheet HTML 383Page - ATMEL Corporation AT90SCR100 Datasheet HTML 384Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 433 page
background image
380
TPR0327AY–SMS–30Jan09
AT90SCR100
Notes: 1. The CKOUT Fuse allow the system clock to be output on PORTB1. See “Clock Output Buffer”
on page 40 for details.
2. The default value of SUT1..0 results in maximum start-up time for the default clock source.
See Table 7-3 on page 35 for details.
3. These values are fixed. They used to select clocks that are not available for AT90SCR100.
The status of the Fuse bits is not affected by Chip Erase. Note that the Fuse bits are locked if
Lock bit1 (LB1) is programmed. Program the Fuse bits before programming the Lock bits.
29.2.1
Latching of Fuses
The fuse values are latched when the device enters programming mode and changes of the
fuse values will have no effect until the part leaves Programming mode. This does not apply to
the EESAVE Fuse which will take effect once it is programmed. The fuses are also latched on
Power-up in Normal mode.
29.3
Signature Bytes
29.3.1
Device and JTAG IDs
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and parallel mode, also when the device is locked. The three
bytes reside in a separate address space. The AT90SCR100 signature bytes are given in Table
29-6.
29.3.2
Serial Number
The Serial Number is composed of 9 bytes. You can only read these bytes. They are pro-
grammed during probe sessions and are unique for each die. They are composed of:
• SN0: Chip ID: same for all AT90SCR100 ICs
• SN1: Silicon Revision
Table 29-5.
Fuse Low Byte
Fuse Low Byte
Bit No
Description
Default Value
-7
-
1
CKOUT(1)
6
Clock output
1 (unprogrammed)
SUT1
5
Select start-up time
1 (unprogrammed)(2)
SUT0
4
Select start-up time
0 (programmed)(2)
CKSEL3
3
Select Clock source
1 (unprogrammed)
-2
-
0 (3)
-1
-
0 (3)
CKSEL0
0
Select Clock source
1 (unprogrammed)
Table 29-6.
Device and JTAG ID
Part
Signature Bytes Address
JTAG
0x000
0x001
0x002
Part Number
Manufacture ID
AT90SCR100
0x1E
0x96
0x09
96C1
0x1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com