Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 67 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 67 Page - ams AG

Back Button AS3524 Datasheet HTML 63Page - ams AG AS3524 Datasheet HTML 64Page - ams AG AS3524 Datasheet HTML 65Page - ams AG AS3524 Datasheet HTML 66Page - ams AG AS3524 Datasheet HTML 67Page - ams AG AS3524 Datasheet HTML 68Page - ams AG AS3524 Datasheet HTML 69Page - ams AG AS3524 Datasheet HTML 70Page - ams AG AS3524 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
67
- 124
Table 45 NAF data register
Name
Base
Default
NAFData
AS3525_NAND_FLASH_BASE
0x0000
Data Register
Offset 0x000C
The NAFData register offers unbuffered access to the data bus of the NAND flash
device.
Bit
Bit Name
Default
Access
Bit Description
15:0
NAFData
0x01
R/W
For X8 devices (8-bit data bus) only bits 7:0 are relevant, other
bits are ignored
For X16 devices (16-bit data bus) all are relevant
Table 46 NAF mode register
Name
Base
Default
NAFMode
AS3525_NAND_FLASH_BASE
0x00
Mode register
Offset 0x0010
The NAFMode register controls NAND flash read/write/erase procedures.
Bit
Bit Name
Default
Access
Bit Description
7
write protection
0x0
R/W
Used to control ‘command latch enable’
0: output ‘naf_cle’ is set to ‘0’
1: output ‘naf_cle’ is set to ‘1’ (Command Latch Cycle)
6:5
Ecc [1:0]
0x0
R/W
controls ‘address latch enable’
0: output ‘naf_ale’ is set to ‘0’
1: output ‘naf_ale’ is set to ‘1’ (Address Latch Cycle)
4
ce
0x0
R/W
0: power off (all output enable signals are turned off)
1: power on
3
-
0x0
R/W
always ‘0’
2
power_on
0x0
R/W
0: power off (all output enable signals are turned off)
1: power on
1
ale
0x0
R/W
controls ‘address latch enable’
0: output ‘naf_ale’ is set to ‘0’
1: output ‘naf_ale’ is set to ‘1’ (Address Latch Cycle)
0
Cle
0x0
R/W
controls ‘command latch enable’
0: output ‘naf_cle’ is set to ‘0’
1: output ‘naf_cle’ is set to ‘1’ (Command Latch Cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com