Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 68 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 68 Page - ams AG

Back Button AS3524 Datasheet HTML 64Page - ams AG AS3524 Datasheet HTML 65Page - ams AG AS3524 Datasheet HTML 66Page - ams AG AS3524 Datasheet HTML 67Page - ams AG AS3524 Datasheet HTML 68Page - ams AG AS3524 Datasheet HTML 69Page - ams AG AS3524 Datasheet HTML 70Page - ams AG AS3524 Datasheet HTML 71Page - ams AG AS3524 Datasheet HTML 72Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
68
- 124
Table 47 NAF status register
Name
Base
Default
NAFStatus
AS3525_NAND_FLASH_BASE
-
Status Register
Offset 0x0014
The NAFStatus register contains information on the internal status.
Bit
Bit Name
Defau
lt
Access
Bit Description
13
fifo_error
0x0
R
FIFO error signal
0: if FIFO is reset
1: if FIFO contains 36 words and FIFO push(write) has
occurred or when FIFO contains 0 words and a FIFO pop(read)
has occurred. The FIFO error will lock the FIFO and has to be
reset by a reset of the FIFO (by setting NAFControl register bit
1 to ‘1’)
12
fifo_full
0x0
R
FIFO full signal
0: if FIFO contains less than 36 words
1: if FIFO contains 36 words
11
fifo_almost_full
0x0
R
FIFO almost_full signal
0: if FIFO contains less than 32 words
1: if FIFO contains more than or equal 32 words
10
fifo_almost_empty
0x0
R
FIFO almost_empty signal
0: if FIFO contains more than 4 words
1: if FIFO contains less than or equal 4 words
9
fifo_empty
0x0
R
FIFO empty signal
0: if FIFO contains more than 0 words
1: = when FIFO contains 0 words
8
strobe_ready
0x0
R
read/write strobe ready signal
0: if read/write strobe ‘0’ (strobe active)
1: if read/write strobe ‘1’ (strobe inactive)
7
flash_ready
0x0
R
synchronised NAND flash ready signal
0: if synchronised input ‘naf_busy_in_n’ is ‘0’ (busy)
1: if synchronised input ‘naf_busy_in_n’ is ‘1’ (ready)
6
got_fifo_error
0x0
R
FIFO error indication (edge triggered)
0: if bit 6 of NAFClear register is set to ‘1’
1: if FIFO contains 36 words and FIFO push(write) occurs or
when FIFO contains 0 words and a FIFO pop(read) occurs.
5
got_fifo_full
0x0
R
FIFO full indication (edge triggered)
0: if bit 5 of NAFClear register is set to ‘1’
1: if FIFO contains 36.
4
got_fifo_high
0x0
R
FIFO high indication (edge triggered)
0: if bit 4 of NAFClear register is set to ‘1’
1: if FIFO gets full (36 words) or changes from 31 to 32 words
(and when the NAFWords register is greater than 32).
Note: When this bit gets ‘1’ during ‘Page Read’ mode, a new
FIFO burst read of up to 32 words is possible.
3
got_fifo_low
0x0
R
FIFO low indication (edge triggered)
0: if bit 3 of NAFClear register is set to ‘1’
1: if FIFO gets empty or changes from 5 to 4 words (and when
the NAND Flash requires more than 32 bytes/halfwords).
Note: When this bit gets ‘1’ during ‘Page Programming’ mode,
a new FIFO burst write of up to 32 words is possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com