Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 30 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 30 Page - ams AG

Back Button AS3524 Datasheet HTML 26Page - ams AG AS3524 Datasheet HTML 27Page - ams AG AS3524 Datasheet HTML 28Page - ams AG AS3524 Datasheet HTML 29Page - ams AG AS3524 Datasheet HTML 30Page - ams AG AS3524 Datasheet HTML 31Page - ams AG AS3524 Datasheet HTML 32Page - ams AG AS3524 Datasheet HTML 33Page - ams AG AS3524 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
30
- 124
5.2.7.2
USB 2.0 OTG PHY
•
Complete PHY for USB2.0 On-The-Go
•
USB 2.0 UTMI+ specification compliant
•
Supports high speed (480 Mbit/s), full speed (12 Mbit/s) and low speed (1.5 Mbit/s) data transmission
•
Supports OT supplement features: VBUS state detecting SRP request by “data-line pulsing” method
•
Low jitter clock from either on-chip PLL (48MHz) or optional additional crystal (12MHz, 24MHz or 48MHz) which is
available with the 224 pin package, only
•
16 bit parallel datain/out interface
•
Typical current consumption on vdda33c and vdd33t:
•
12 mA in FS RX mode
•
30 mA in FS TX mode
•
30 mA in HS RX mode
•
40 mA in HS TX mode
•
< 100 uA in suspend mode
•
Rext = 3.4kOhm (+/- 1%) must be connected between pads “rext” and “vssa33c” to set the bias current.
5.2.7.3
USB 2.0 OTG Interface Registers
Table 14 USB Interface Registers
Register Name
Base Address
Offset
Note
USB_IEP0_CTRL
AS3525_USB_BASE
0x00000
Control Register
USB_IEP0_STS
AS3525_USB_BASE
0x00004
Status Register
USB_IEP0_TXFSIZE
AS3525_USB_BASE
0x00008
TxFIFO Size
USB_IEP0_MPS
AS3525_USB_BASE
0x0000c
Maximum Packet Size
USB_IEP0_DESC_PTR
AS3525_USB_BASE
0x00014
Data Descriptor Pointer
USB_IEP0_STS_MASK
AS3525_USB_BASE
0x00018
Status Mask Register
USB_IEP1_CTRL
AS3525_USB_BASE
0x00020
Control Register
USB_IEP1_STS
AS3525_USB_BASE
0x00024
Status Register
USB_IEP1_TXFSIZE
AS3525_USB_BASE
0x00028
TxFIFO Size
USB_IEP1_MPS
AS3525_USB_BASE
0x0002c
Maximum Packet Size
USB_IEP1_DESC_PTR
AS3525_USB_BASE
0x00034
Data Descriptor Pointer
USB_IEP1_STS_MASK
AS3525_USB_BASE
0x00038
Status Mask Register
USB_IEP2_CTRL
AS3525_USB_BASE
0x00040
Control Register
USB_IEP2_STS
AS3525_USB_BASE
0x00044
Status Register
USB_IEP2_TXFSIZE
AS3525_USB_BASE
0x00048
TxFIFO Size
USB_IEP2_MPS
AS3525_USB_BASE
0x0004c
Maximum Packet Size
USB_IEP2_DESC_PTR
AS3525_USB_BASE
0x00054
Data Descriptor Pointer
USB_IEP2_STS_MASK
AS3525_USB_BASE
0x00058
Status Mask Register
USB_IEP3_CTRL
AS3525_USB_BASE
0x00060
Control Register
USB_IEP3_STS
AS3525_USB_BASE
0x00064
Status Register
USB_IEP3_TXFSIZE
AS3525_USB_BASE
0x00068
TxFIFO Size
USB_IEP3_MPS
AS3525_USB_BASE
0x0006c
Maximum Packet Size
USB_IEP3_DESC_PTR
AS3525_USB_BASE
0x00074
Data Descriptor Pointer
USB_IEP3_STS_MASK
AS3525_USB_BASE
0x00078
Status Mask Register
USB_OEP0_CTRL
AS3525_USB_BASE
0x00200
Control
USB_OEP0_STS
AS3525_USB_BASE
0x00204
Status Register
USB_OEP0_RXFR
AS3525_USB_BASE
0x00208
Rx Packet Frame Number Register
USB_OEP0_MPS
AS3525_USB_BASE
0x0020c
RxFIFO Size/Maximum Packet Size
USB_OEP0_SUP_PTR
AS3525_USB_BASE
0x00210
Setup buffer Pointer Register
USB_OEP0_DESC_PTR
AS3525_USB_BASE
0x00214
Data Descriptor Pointer
USB_OEP0_STS_MASK
AS3525_USB_BASE
0x00218
Status Mask Register
USB_OEP1_CTRL
AS3525_USB_BASE
0x00220
Control Register
USB_OEP1_STS
AS3525_USB_BASE
0x00224
Status Register
USB_OEP1_RXFR
AS3525_USB_BASE
0x00228
Rx Packet Frame Number Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com