Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 22 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 22 Page - ams AG

Back Button AS3524 Datasheet HTML 18Page - ams AG AS3524 Datasheet HTML 19Page - ams AG AS3524 Datasheet HTML 20Page - ams AG AS3524 Datasheet HTML 21Page - ams AG AS3524 Datasheet HTML 22Page - ams AG AS3524 Datasheet HTML 23Page - ams AG AS3524 Datasheet HTML 24Page - ams AG AS3524 Datasheet HTML 25Page - ams AG AS3524 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
22
- 124
5.2.4 SMDMAC - Single master DMAC
The ARM PrimeCell™ PL081 “SMDMAC single master DMA controller” is included in the AHB system.
•
AMBA specification Rev 2.0 compliant
•
two DMA channels. Each channel can support a unidirectional transfer
•
provides 16 peripheral DMA request lines
•
single DMA and burst DMA request signals. Each peripheral connected to the PrimeCell™ SMDMAC can assert either a
burst DMA request or a single DMA request. The DMA burst size is set by programming the PrimeCell™ SMDMAC
•
Memory-to-Memory, memory-to-peripheral, peripheral-to-memory and peripheral-to-peripheral transfers.
•
Scatter or gather DMA is supported through the use of linked lists. This means that the source and destination areas do not
need to occupy contiguous areas of memory
•
Hardware DMA channel priority. Each DMA channel has a specific hardware priority. DMA channel 0 has the highest
priority and channel 1 has the lowest priority. If requests from two channels become active at the same time the channel
with the highest priority is serviced first.
•
AHB slave DMA programming interface. The PrimeCell™ SMDMAC is programmed by writing to the DMA control registers
over the AHB slave interface
•
One AHB bus master for transferring data. This interface is used to transfer data when a DMA request goes active.
Figure 7 SMDMAC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com