Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 90 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 90 Page - ams AG

Back Button AS3524 Datasheet HTML 86Page - ams AG AS3524 Datasheet HTML 87Page - ams AG AS3524 Datasheet HTML 88Page - ams AG AS3524 Datasheet HTML 89Page - ams AG AS3524 Datasheet HTML 90Page - ams AG AS3524 Datasheet HTML 91Page - ams AG AS3524 Datasheet HTML 92Page - ams AG AS3524 Datasheet HTML 93Page - ams AG AS3524 Datasheet HTML 94Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
90
- 124
5.3.14 CGU - Clock generation unit
The clock generation unit generates all clocks for all modules on the chip.
• Hardware programmable selection of clock input either from internal oscillator or external clock input
• Two on-chip PLL circuits for generation of internal clocks
• Programmable divider for generation of ARM922T clock (fclk)
• Programmable divider for generation of AMBA bus clock (pclk)
• Support of ARM922T fastbus, synchronous and asynchronous mode
• Included clock gating registersto optimise power consumption
• Three clock busses at input of all dividers (clk_main, clk_a, clk_b) for utmost flexibility
• Spike-free switches between divider clock inputs (clk_main, clk_a, clk_b)
• Independent clock dividers for peripheral modules
System startup
At startup, the system is configured in a way to run without the need of PLLs. PLLs are disabled and clk_main is used for generation of the clock for
the ARM controller (fclk) and ARM AMBA bus (pclk). Within the clock gating register, only the clocks that are really necessary for initial boot are
enabled: clock for ARM, for the internal 1-TRAM memory, for the internal ROM and for the external memory. So the boot loader can start either
from internal ROM or from the external MPMC.
Clock switching
The system can be reconfigured to run from PLLA or PLLB. Because the 1-TRAM is a dynamic memory that must always get the clock for the
internal memory refresh, this switching must be implemented in a way that the PCLK clock is never stopped. The easiest solution to fulfil this
requirement is always switching back to clk_main for reconfiguring the PLLs. After reprogramming of the PLLs it must be checked that the PLLs are
locked before the system is switched onto the PLL output frequency.
ARM922T and AMBA bus clock
The ARM processor can run in different modes. These modes can be set within the iA, nF bits of the ARM922T CP15 (coprocessor) register 1.
Fastbus mode
This is the default mode after startup. The ARM922T input clock frequency is the same as the AHB/APB bus frequency.
Synchronous mode
Within the synchronous mode, the ARM922T frequency must be higher than the AHB/APB bus frequency and it must be an integer multiple of the
AHB/APB bus frequency. Advantage of the synchronous mode is a higher performance because of less synchronisation effort between the
ARM922T and the AHB bus.
Asynchronous mode
Within asynchronous mode, the ARM922T frequency must be higher than the AHB bus frequency, but it can be completely asynchronous.
Disatvantage is a slightly reduced performance of the system because of the higher effort for synchronisation between the ARM922T and AHB
clock domains.
Block Diagram
The block diagram on the following page gives a detailed view of the structure of the CGU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com