Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 55 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 55 Page - ams AG

Back Button AS3524 Datasheet HTML 51Page - ams AG AS3524 Datasheet HTML 52Page - ams AG AS3524 Datasheet HTML 53Page - ams AG AS3524 Datasheet HTML 54Page - ams AG AS3524 Datasheet HTML 55Page - ams AG AS3524 Datasheet HTML 56Page - ams AG AS3524 Datasheet HTML 57Page - ams AG AS3524 Datasheet HTML 58Page - ams AG AS3524 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
55
- 124
5.3.9 SPDIF interface
As part of the I2SIN module also a SPDIF receiver interface is included. This SPDIF interface works as converter from SPDIF-AES/EBU to I2S.
The SPDIF-AES/EBU standard is a serial audio interface that conveys 2 time-multiplexed audio channels, the left and right channels, as is the case
in audio stereo transmission. The two channels are encoded in a 64-bit frame. Each individual channel is encoded in a sub-frame that consists of a
4-bit preamble, followed by 24 bits of audio data and 4 control bits, in a total of 32 bits per sub-frame. The SPDIF-AES/EBU standard provides for
LSB first, up to 24-bit audio samples, Samples of 20 bits or less may be used, in which case the 4 least significant bits may be used for a 12-bit
monitoring channel, transmitted at 1/3 of the sample rate. Please refer to the SPDIF-AES/EBU, AES3 or IEC958 standard documentation for more
information.
Features
•
Feed-forward operation: extracts audio data from the SPDIF-AES/EBU input signal by sampling it with a fast clock
signal which not necessarily related to the sample rate frequency
•
Purely digital receiver solution, without need of an input PLL for synchronisation.
•
The audio samples are output serially in I2S format.
•
PLL interface to filter out the jitter and generate a jitter-free I2S output.
•
Recognizes all common audio and video related sample frequencies and outputs a nibble code for each.
5.3.9.1 SPDIF register description
Table 34 SPDIF status register
Name
Base
Default
I2SIN_SPDIF_STATUS
AS3525_I2SIN_BASE
0x00
SPDIF status signals register
Offset: 0x0018
This read-only register contains status information of the SPDIF interface. The
spdif_sample_freq and spdif_sync status bits are directly derived from the SPDIF
converter. In order to provide valid status bits, these signals must be synchronized
with pclk, i.e. clk_i2sin.
Bit
Bit Name
Default
Access
Bit Description
4:1
spdif_sample_freq
R
Incoming sample frequency
0
spdif_sync
R
Recognition of sub-frame preamble
0: first sub-frame preamble not recognized
1: successful recognition of the first sub-frame preamble
The following table shows the input sample rate in KHz according to the sample_freq_code (bit 5 to 1) in the I2SIN_SPDIF register.
sample_freq_code
Input Sample Rate (KHz)
0001
22.050
0010
24.000
0011
32.000
0100
44.100
0101
48.000
0110
64.000
0111
88.200
1000
96.000
1001
176.400
1010
192.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com