Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 17 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 17 Page - ams AG

Back Button AS3524 Datasheet HTML 13Page - ams AG AS3524 Datasheet HTML 14Page - ams AG AS3524 Datasheet HTML 15Page - ams AG AS3524 Datasheet HTML 16Page - ams AG AS3524 Datasheet HTML 17Page - ams AG AS3524 Datasheet HTML 18Page - ams AG AS3524 Datasheet HTML 19Page - ams AG AS3524 Datasheet HTML 20Page - ams AG AS3524 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
17
- 124
Figure 5 Boot decision between normal boot and USB boot promer
Table 9
Boot definitions Chip version C22
XPC[3:1]
Boot Device
0
000
SPI master ST M25Pxx serial Nor Flash
1
001
SPI master Atmel AT45DB011B serial Nor Flash
2
010
SPI slave
3
011
NandFlash
4
100
IDE
5
101
reserved for developers mode
6
110
UART / Command Line Interface without diagnostics
7
111
UART / Command Line Interface with diagnostics
Table 10 USB promer frequency settings
XPA[6:4]
USB promer frequency settings
000
24 MHz
001
20 MHz
010
13 MHz
011
12 MHz
100
10 MHz
others
reserved / defaults to 24 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com