Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 75 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 75 Page - ams AG

Back Button AS3524 Datasheet HTML 71Page - ams AG AS3524 Datasheet HTML 72Page - ams AG AS3524 Datasheet HTML 73Page - ams AG AS3524 Datasheet HTML 74Page - ams AG AS3524 Datasheet HTML 75Page - ams AG AS3524 Datasheet HTML 76Page - ams AG AS3524 Datasheet HTML 77Page - ams AG AS3524 Datasheet HTML 78Page - ams AG AS3524 Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
75
- 124
Table 56 DBOP control register
Register
bits
Name
type
function
default
value
31:22
reserved
21
clr_pop_err
W
Interrupt clear signal for
pop error interrupt
0
Writing 1 to this bit will clear the pop
error interrupt. Writing 0 has no effect.
20
clr_push_err
W
Interrupt clear signal for
push error interrupt
0
Writing 1 to this bit will clear the push
error interrupt. Writing 0 has no effect
.
19
en_data
r/w
Tri-state enable for dout
bus
0
When set, dout bus is tri-stated when
there is no active write on the bus.
18
sdc
r/w
short count bit
0
17
res_even
r/w
reset to even cycle
0
when set, next output cycle is even
16
enw
r/w
enable write
0
0: write disabled
1: write enabled
15
strd
r/w
start read
0
14:13
osm
r/w
output serial mode
0
0: single word out
1: 2 serial words out
2: 4 serial words out
12
ow
r/w
output data width
0
0: 8 bit data width
1: 16 bit data width
11
ir_enable
r/w
IR enable
0: all IR disabled
1: IR enabled
10
ir_po_err
r/w
IR enable on pop error
0
9
ir_pu_err
r/w
IR enable on push error
0
8
ir_e_en
r/w
IR enable set on push
empty
0
7
ir_ae_en
r/w
IR enable set on push
almost empty
0
6
ir_af_en
r/w
IR enabbe set on push
almost full
0
5
ir_f_en
r/w
IR enable set on push full
0
4:0
rs_t
r/w
read strobe time
0x1F
Notes:
-
If the start read bit is issued by setting the strd bit to 1, a single read cycle is generated. After this read cycle the strd
bit is set to 0 again by HW.
-
If write is enabled by setting enw=1, no read is possible (strd does not cause any action).
-
res_even is a reset bit that defines the start of even/odd generated signals. With res_even bit set, the next output
cycle is a even cycle. Within this first even output cycle the res_even bit is set to 0 by the SW.
-
sdc selects the counter length for the timing generator. Default is end value of 31. With sdc set to 1, the count end
value is 15.
-
en_data is used as a tri-state enable for the dout bus . When set as 1, dout is tri-stated if there is no active write on
the bus . When this bit is set as 0, dout is bus is tri-stated only during the read cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com