Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 53 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 53 Page - ams AG

Back Button AS3524 Datasheet HTML 49Page - ams AG AS3524 Datasheet HTML 50Page - ams AG AS3524 Datasheet HTML 51Page - ams AG AS3524 Datasheet HTML 52Page - ams AG AS3524 Datasheet HTML 53Page - ams AG AS3524 Datasheet HTML 54Page - ams AG AS3524 Datasheet HTML 55Page - ams AG AS3524 Datasheet HTML 56Page - ams AG AS3524 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
53
- 124
5.3.8.2 I2S Input Signals
The following specifications signals are given:
•
Data are valid at rising/falling edge of SCLK (depending on I2SI_CONTROL’s setting).
•
The left and right channels are indicated by the LRCK signal.
The timing diagram of the standard I2S interface signals from the ADC is shown below (Figure 27).
Figure 24 - I2S standard timing diagram
23
2
1
0
Left Channel
23
2
1
0
Right Channel
LRCK
SCLK
SDATA
24 bit
T
period(fsaudio) / 2
T
period(fsaudio) / 2
X
X
While the I2S standard states that the LRCK line changes one clock cycle before the MSB is transmitted. If the ADC sends the MSB directly after
LRCK line changes, the SDATA_valid bit in the I2SI_CONTROL register must be set.
Figure 25 - I2S standard timing diagram with SDATA valid directly after LRC changes
22
2
1
0
Left Channel
22
2
1
0
Right Channel
LRCK
SCLK
SDATA
24 bit
T
period(fsaudio) / 2
T
period(fsaudio) / 2
23
23
Assumption: The LRCK toggles every 32 clocks of SCLK.
5.3.8.3 Power Modes
The I2SINIF contains two clock domains. The PCLK domain can be turned off in the clock controller. The SCLK clock domain can be turned off
locally using the SCLK_idle bit in the I2SIN_CONTROL register. Note that the SCLK’s clock gating signal has to be synchronized with the SCLK
clock in order to guarantee correct operation.
If PCLK is turned off, no interrupt must be triggered by the I2SINIF module.
The I2SI_MCLK clock can be turned on/off in the clock generation unit.
5.3.8.4 Loopback Feature
On the AS3525 are two I2S interfaces:
I2SOUTIF is responsible to send values to the DAC of the audio chip via I2SO_SDATA
I2SINIF is responsible to receive audio values from ADC of the audio chip via I2SI_SDATA
In the AS3525 both SDATA signals are provided as loopback signals (I2SO_FSDATA, I2SI_FSDATA):
I2SO_SDATA to I2SINIF: This loopback is mainly for testing the transmit and receive paths of both I2S
interfaces. The loopback signal is called I2SO_FSDATA.
I2SI_SDATA to I2SOUTIF: This loopback feature allows the application to echo the input audio samples directly
to a loudspeaker. The signal provided by the I2SINIF is called I2SI_FSDATA.
In normal mode the I2SINIF pushes audio values into the FIFO based on the I2SI_SDATA signal. If the loopback feature is enabled, the
sdata_source bit in the control register must be set to 3. The FIFO content is filled with audio values send by the I2SOUTIF (signal I2SO_FSDATA).
NOTE: This feature will only be available if SCLK is the same for I2S input and output interface. For implementation the I2SO_FSDATA signal is
simply routed through a multiplexer to the I2SI_SDATA interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com