Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 82 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 82 Page - ams AG

Back Button AS3524 Datasheet HTML 78Page - ams AG AS3524 Datasheet HTML 79Page - ams AG AS3524 Datasheet HTML 80Page - ams AG AS3524 Datasheet HTML 81Page - ams AG AS3524 Datasheet HTML 82Page - ams AG AS3524 Datasheet HTML 83Page - ams AG AS3524 Datasheet HTML 84Page - ams AG AS3524 Datasheet HTML 85Page - ams AG AS3524 Datasheet HTML 86Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
82
- 124
5.3.12.7 Clock frequencies
The input clock is directly taken from the PCLK clock. A programmable prescaler is implemented within the CGU. Input clock for the prescaler is in
the range of 20 - 60 MHz.
Programmable division factors for the prescaler in the range of 1 to 8. Input clock to the module is in the range of 2.5 to 60 MHz.
Within the module the control signal generator is doing a division by 16 or 32 (selectable). So the effective output data rates are in the range of 1.25
to 4 MHz for maximum performance and can be scaled down in the range of 0.07 to 0.25 MHz.
Figure 36 DBOP data rate
clk_dbop
Clock
prescaler
(inside
CGU)
Control
signal
generator
C0
c1
c2
c3
PCLK
(APB clock)
65 MHz
...
20 MHz
65 MHz
8.125 MHz
20 MHz
2.5 MHz
predivider 1 to 8
Divider /16 or /32
4.06 MHz
0.25 MHz
1.25 MHz
0.07 MHz
Output data rate
Time constraining for the module should be done with 65 MHz, if there is a demand the time constraints for the output pads can be reduced.
5.3.12.8
Interface with GPIO PINs / additional PINs
For the SW, the usage of either ARM primecell GPIO ports or DBOP port can be configured with the GPIOAFSEL registers.
Following IO ports are used for the basic 8 bit interface
xpc[7:0]
for dout[7:0] and din[7:0]
xpb[3:0]
for {C3, C2, C1, C0}
Following IO ports are used for the optional 16 bit interface
xpb[7:4]
for dout[11:8] and din[11:8]
dbop_d[15:12]
for dout[15:12] and din[15:12]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com