Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 11 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 11 Page - ams AG

Back Button AS3524 Datasheet HTML 7Page - ams AG AS3524 Datasheet HTML 8Page - ams AG AS3524 Datasheet HTML 9Page - ams AG AS3524 Datasheet HTML 10Page - ams AG AS3524 Datasheet HTML 11Page - ams AG AS3524 Datasheet HTML 12Page - ams AG AS3524 Datasheet HTML 13Page - ams AG AS3524 Datasheet HTML 14Page - ams AG AS3524 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
11
- 124
5
Detailed Functional Descriptions
5.1
ARM922-T Processor Core
5.1.1 General
The ARM922T macrocell is a high-performance 32-bit RISC integer processor combining an ARM9TDMI™ processor core with:
•
8KB instruction cache and 8 KB data cache
•
Instruction and data Memory Management Unit (MMU)
•
Write buffer with 16 data words and 4 addresses
•
Advanced Microprocessor Bus Architecture (AMBA™) AHB interface
The ARM922T provides a high-performance processor solution for open systems requiring full virtual memory management and sophisticated
memory protection. The ARM922T processor core is capable of running at 250 MHz. The ARM922T hard macrocell has a very low power
consumption. The integrated cache helps to significantly reduce memory bandwith demands, improving performance and minimizing power
consumption.
At 250 MHz the ARM922T comsumes as little as 65 mW, making it ideal for high-performance battery operated audio or video applications.
The ARM core and associated bus structures are configured for little endian byte order (compatible with Windows CE™ and Symbian™ OS).
Table 6
ARM 922T characteristics
Cache (I/D)
MMU
AHB
Thumb
mW/MHz
MHz
8KB / 8KB
yes
yes
yes
0.25 @ 1.2 V
250
Features
•
32-bit RISC architecture (ARMv4T)
•
Harvard architecture with separated instruction (I) and data (D) caches with 8 KB each and 8-word line length
•
Five stage pipeline (fetch, decode, execute, memory, write back) enabling high master clock speeds
•
32-bit ARM instruction set for maximum performance and flexibility
•
16-bit Thumb instruction set for increased code density
•
Enhanced ARM architecture V4 MMU to provide translation and access permission checks for instruction and data
addresses. With this MMU different operating systems (Windows CE, Symbian …) can be implemented.
•
Industry standard AMBA bus interface (AHB and APB)
•
Hard-macro implementation
•
The processor core clock frequency (FCLK) is programmable up to 250MHz and the ARM922 power consumption is
directly proportional to this clock frequency FCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com