Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 56 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 56 Page - ams AG

Back Button AS3524 Datasheet HTML 52Page - ams AG AS3524 Datasheet HTML 53Page - ams AG AS3524 Datasheet HTML 54Page - ams AG AS3524 Datasheet HTML 55Page - ams AG AS3524 Datasheet HTML 56Page - ams AG AS3524 Datasheet HTML 57Page - ams AG AS3524 Datasheet HTML 58Page - ams AG AS3524 Datasheet HTML 59Page - ams AG AS3524 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
56
- 124
5.3.10 I2SOUT - I2S output interface
The I2S output interface module (called I2SOUTIF module hereafter) is used to connect the processor system to an audio DAC. The
communication is based on the standardized I2S interface. The audio samples are transferred from the processor to the I2SOUTIF module using
the AMBA APB bus. A FIFO for 128 dual-channel audio samples is provided as a data buffer. Furthermore, the module provides a set of data,
control and status registers.
The I2SOUTIF provides the following features:
•
two independent clock domains: AMBA APB clock PCLK, I2S output clock i2so_mclk
•
FIFO (128 words with 36 bit) separating clock domains
•
support of 16 and 18 bit audio samples
•
clock generator for I2S clocks (LCLK, I2SO_SCLK)
•
support of several oversampling rates: 128x, 256x, 512x
•
interrupt support for FIFO data write
•
DMA support for FIFO data transfer
For data output, following modes are implemented:
•
two 18 bit audio samples, one for each channel (R,L). The values are written to I2SO_DATA.
•
two 16 bit audio samples, one for each channel (R,L). Both values are written to the 32-bit wide I2SO_DATA register
at the same time. This mode is highly efficient for 32-bit processor architectures.
•
one 18 bit mono audio sample; the sample is used for both channels (R and L). The value is written to the
I2SO_DATA.
•
one 16 bit mono audio sample; the sample is used for both channels (R and L). The value is written to the
I2SO_DATA.
Figure 26 I2SO Block Diagram
5.3.10.1 I2S Output Interface Registers
Table 35 I2S Output Interface Registers
Register Name
Base Address
Offset
Note
I2SOUT_CONTROL
AS3525_I2SOUT_BASE
0x0000
Control register
I2SOUT_MASK
AS3525_I2SOUT_BASE
0x0004
Interrupt mask register
I2SOUT_RAW_STATUS
AS3525_I2SOUT_BASE
0x0008
Raw status register
I2SOUT_STATUS
AS3525_I2SOUT_BASE
0x000C
Status register
I2SOUT_CLEAR
AS3525_I2SOUT_BASE
0x0010
Interrupt clear register
I2SOUT_DATA
AS3525_I2SOUT_BASE
0x0014
Audio data register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com