Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 87 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 87 Page - ams AG

Back Button AS3524 Datasheet HTML 83Page - ams AG AS3524 Datasheet HTML 84Page - ams AG AS3524 Datasheet HTML 85Page - ams AG AS3524 Datasheet HTML 86Page - ams AG AS3524 Datasheet HTML 87Page - ams AG AS3524 Datasheet HTML 88Page - ams AG AS3524 Datasheet HTML 89Page - ams AG AS3524 Datasheet HTML 90Page - ams AG AS3524 Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
87
- 124
Table 67 UART Interrupt status register
Name
Base
Default
UART_INTSTATUS_REG
AS3525_UART_BASE
0xC8110000
Interrupt status register
Offset: 0x08
This register will give the status of the interrupt. Depending on the enabled interrupt
bits in the interrupt enable register (UART_INTEN_REG) different interrupts will be
generated and the status will be updated in this register. On sensing an interrupt the
software should read this register to get the status of the interrupt.
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
00000
These bits are reserved for future use.
2
rxLineStatus
0
RU
This interrupt is set on any error condition on the receive line.
There are four types of error possibilities. These error
conditions are set in bits 4:1 of the line status register
(UART_LNSTATUS_REG).
This bit is reset on a read of the line status register
(UART_LNSTATUS_REG).
1
txDataEmpty
0
RU
In FIFO mode this bit is set when txFIFO is empty.
If FIFO mode is disabled this interrupt is set if the data register
(UART_DATA_REG (Tx)) is empty.
This bit will be reset on write to the data register
(UART_DATA_REG (Tx)).
0
rxDataRdy
0
RU
This is the data ready interrupt.
In FIFO mode this bit is set when the number of bytes in the
FIFO reaches the trigger level. This bit is also set in FIFO
mode when a timeout occurs in the reception, i.e. Rx line idle
for more than 4 char times and there is data in the FIFO.
If FIFO mode is disabled this bit is set when one full byte is
received.
This bit is cleared when the FIFO is empty or the data register
(UART_DATA_REG (Rx)) is read.
Table 68 UART FIFO control register
Name
Base
Default
UART_FCTL_REG
AS3525_UART_BASE
0xC8110000
FIFO control register
Offset: 0x0C
This register holds the control parameters to control receive (rx) and transmit (tx) FIFO.
The parameters will enable the FIFOs, set the receiver trigger level, etc.
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
000
These bits are reserved for future use.
4:3
trigLevel
00
W
These two bits will select the trigger level for the rxFIFO. Once
the FIFO pointer reaches this level rxDataRdy interrupt is
asserted.
00: 01 byte
01: 04 bytes
10: 08 bytes
11: 14 bytes
2
rxFIFORst
0
W
This bit will reset rxFIFO pointers and clear all the bytes in the
rxFIFO.
This bit is self clearing, i.e. after resetting FIFO this bit will
become zero.
1
txFIFORst
0
W
This bit will reset txFIFO pointers and clear all the bytes in the
txFIFO.
This bit is self clearing, i.e. after resetting FIFO this bit will
become zero.
0
FIFOModeEn
0
W
This bit will enable the FIFO mode. By default this will be
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com