Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 81 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 81 Page - ams AG

Back Button AS3524 Datasheet HTML 77Page - ams AG AS3524 Datasheet HTML 78Page - ams AG AS3524 Datasheet HTML 79Page - ams AG AS3524 Datasheet HTML 80Page - ams AG AS3524 Datasheet HTML 81Page - ams AG AS3524 Datasheet HTML 82Page - ams AG AS3524 Datasheet HTML 83Page - ams AG AS3524 Datasheet HTML 84Page - ams AG AS3524 Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
81
- 124
5.3.12.5 DIN register
With the dinStrobe, data are written to the DIN register. This gives a simple mechanism, in which for example the status data can be read from a
LCD display interface.
To do a data read, first the START READ (strd) bit is programmed into the control register. With START READ, the control signal generator starts
to generate one cycle with the according control signals. Data are strobed by the programmed strobe time into the din register. After the cycle is
completed the HW resets the strd bit to 0. With set of the strd bit, the rd_data_valid bit is also reseted.
The SW just has to poll the rd_data_valid bit, when the bit gets set the input data can be read from the din register. After read cycle, the control
signal generator returns to the quiescent state.
Following timing diagram shows an example of three read cycles.
Figure 35 DBOP read cycle example
D0
D1
D2
xx
C0 (= read_n)
Data input
Read strobe
Read cycle 0
Read cycle 1
Read cycle 2
D0
D1
D2
DIN register
strd
rd_data_valid
Note: Be aware that the read cycle should only be activated when there is no active write cycle (FiFo is empty). Otherwise the results of such action
get unpredictable.
For any read cycle, the write enable bit must be set to 0 (write disabled).
start read
(strd)
write enable
(wen)
FiFo empty
Status
DBOP function
0
0
0
quiescent
0
0
1
quiescent
0
1
0
valid write
0
1
1
quiescent
1
0
0
valid read
1
0
1
valid read
1
1
0
valid write
1
1
1
quiescent
5.3.12.6 Interrupt Generator
Depending on the FiFo Status, an interrupt request can be generated. The conditions that cause an interrupt are set within the control register.
The interrupt output DBOPIRQ is active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com