Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 92 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 92 Page - ams AG

Back Button AS3524 Datasheet HTML 88Page - ams AG AS3524 Datasheet HTML 89Page - ams AG AS3524 Datasheet HTML 90Page - ams AG AS3524 Datasheet HTML 91Page - ams AG AS3524 Datasheet HTML 92Page - ams AG AS3524 Datasheet HTML 93Page - ams AG AS3524 Datasheet HTML 94Page - ams AG AS3524 Datasheet HTML 95Page - ams AG AS3524 Datasheet HTML 96Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
92
- 124
5.3.14.1 Input clock selection
Input clock is either coming directly from the clk_ext pin or from the internal 24MHz crystal oscillator. Usage of external pin or internal oscillator is
selected by the dedicated pin clk_sel.
Table 71 Clock Selection
Clk_sel
Description
0
clk_main = clk_int
1
clk_main = clk_ext
Three main internal clocks are generated as source for all clock dividers for all modules.
•
clk_a, clk_b: the outputs of two independently configurable PLLs.
•
clk_main: this clock is always available without the need of configuring any internal PLL
An important constraint of the system is the memory type of the RAM: the internal 1-TRAM needs refresh cycles, with the following important
restrictions:
•
the free running AHB/APB clock (PCLK) for the 1-TRAM must always be present: also for changing frequency
settings, this must be taken into account (e.g. switch from clk_main to PLL output only after PLL is settled (start-up
time).
•
the minimum frequency for the free running AHB/APB clock of the 1-TRAM is 20 MHz.
Important note: Switching between the different frequencies must be done in a pre-defined order using the CGU-driver software.
5.3.14.2 Clock Gating
For all peripheral clock domains clock gating is possible. Clock gating can be enabled/disabled by the corresponding bits within the clock control
register CGU_PERI. After start-up, only the modules, which are necessary for booting the device, are enabled. These enabled peripherals are
•
1-TRAM controller and 1-TRAM macros
•
external memory interface MPMC
•
internal ROM
•
vectored IR controller (VIC)
5.3.14.3 Interrupt generation
An interrupt can be generated after the PLL is locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com