Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 25 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 25 Page - ams AG

Back Button AS3524 Datasheet HTML 21Page - ams AG AS3524 Datasheet HTML 22Page - ams AG AS3524 Datasheet HTML 23Page - ams AG AS3524 Datasheet HTML 24Page - ams AG AS3524 Datasheet HTML 25Page - ams AG AS3524 Datasheet HTML 26Page - ams AG AS3524 Datasheet HTML 27Page - ams AG AS3524 Datasheet HTML 28Page - ams AG AS3524 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
25
- 124
5.2.6 IDE Interface
The IDE host interface core provides an efficient and easy-to-use interface to IDE and ATAPI devices. The core
implements programmable I/O, Multi-word DMA, and Ultra ATA-33, -66, -100 and -133 modes of operation and supports
up to two devices. The core interface to the system-on-chip provides PIO access and DMA capability to optimise data
transfers to and from the IDE devices. For ease of integration, this interface includes a register set compatible with the
Intel chip set, including a descriptor-based scatter-gather DMA core. This core is compatible with ATA-4 with Ultra ATA-
33, -66, -100 and -133 extensions. Single-word DMA is not supported.
The licensed SpeedSelect
TM technology allows the core to be reconfigured to support any timing mode for PIO, Multi-
Word DMA, and Ultra ATA transfers (-33, -66, -100 or -133) while running at any clock frequency. Interface to the host
processor is the AMBA AHB bus architecture.
There are two AHB interfaces on the core: an AHB master and an AHB slave.
5.2.6.1
AHB Master Interface
The AHB Master implements a subset of the AHB protocol. The following features are supported:
•
Single transfer, unspecified-length, 4-beat incrementing and optionally 8-beat incrementing bursts (HBURST will be
‘000’, ‘001’, ‘011’, or optionally ‘101’)
•
Accesses that cross a 1kB boundary will be unspecified-length incrementing (HBURST will be ‘001’)
•
16-bit and 32-bit transfers only (HSIZE will only be ‘001’ or ‘010’)
•
BUSY cycles are not issued (HTRANS will not be ‘01’)
•
HPROT is not implemented
•
OKAY, SPLIT and RETRY responses accepted (HRESP may be ‘00’, ‘10’ or ’11’)
•
HLOCK asserted during fixed-length bursts
•
The AHB master may be granted by default
5.2.6.2
AHB Slave Interface
The AHB Slave implements a subset of the AHB protocol. The following features are supported:
•
Non-burst only (HBURST must be ‘000’)
•
8-, 16-, or 32-bit transfers only (HSIZE must be ‘000’, ‘001’ or ‘010’)
•
No advantage is gained by issuing a SEQ cycle over a NONSEQ cycle (HTRANS values of ‘10’ and ‘11’ are
interpreted identically)
•
HPROT is ignored
•
HRESP is ‘00’ (OKAY)
•
HREADY is issued no sooner than 2 clock cycles after a valid SEQ or NONSEQ cycle
•
The AHB slave may be selected by default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com