Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 79 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 79 Page - ams AG

Back Button AS3524 Datasheet HTML 75Page - ams AG AS3524 Datasheet HTML 76Page - ams AG AS3524 Datasheet HTML 77Page - ams AG AS3524 Datasheet HTML 78Page - ams AG AS3524 Datasheet HTML 79Page - ams AG AS3524 Datasheet HTML 80Page - ams AG AS3524 Datasheet HTML 81Page - ams AG AS3524 Datasheet HTML 82Page - ams AG AS3524 Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
79
- 124
Timing Parameters
Also the time points for change from p0-p1 (t1) and p1-p2 (t2) can be programmed. For these programmable timing parameters each data output
cycle is divided into 32 steps. Both T1 and T2 can be in the range of 0 to 31. For short count bit set (sdc bit in control register), T1 and T2 must be
in the range of 0 to 15.
Figure 33 DBOP timing parameters
Tperiod
0
10
20
30
P0, P1, P2 = 0,1,0; T1=6, T2=10
P0, P1, P2 = 1,0,1; T1=14, T2=28
P0, P1, P2 = 0,0,1; T1<21, T2=21
D0
dout
dinStrobe; TS = 24
Even/odd generated signals
In addition to these timing parameters, signals can also be programmed to go active only during the even (0, 2, 4, …) or the odd cycles (1, 3, 5, …).
For example the indication of even/odd bytes for the case that two bytes in serial are transmitted can be used.
Two control bits are used to set this signal behaviour:
evenEnable, oddEnable. For default, both are set to 1 and both cycles will appear. For cases where even or odd should be omitted, set according
evenEnable/oddEnable to 0. With both set to 0, no cycles will appear at the output!
Following example illustrates a typical waveform for an output interface where the evenEnable=0 and oddEnable=1 for control signal C2. In this
example, C2 is an active high indication of the high byte (D1, D3, D5, …).
Figure 34 DBOP even/odd generated signals waveforms
D0
D2
D3
D4
xx
quiescent state
quiescent state
D1
C0 = write
C1 = enable
C2 = high byte
dout
D5
C3 = chip select
even
odd
even
odd
even
odd
Normally the even/odd cycles are toggling all the time, also if there are quiescent states in between. To have the possibility of defining a new start,
reset of this even/odd counter can be done via the res_even bit inside of the control register. With res_even set, the counter starts with an even
cycle. Res_even is then set to 0 again by SW at the new start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com