Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 97 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 97 Page - ams AG

Back Button AS3524 Datasheet HTML 93Page - ams AG AS3524 Datasheet HTML 94Page - ams AG AS3524 Datasheet HTML 95Page - ams AG AS3524 Datasheet HTML 96Page - ams AG AS3524 Datasheet HTML 97Page - ams AG AS3524 Datasheet HTML 98Page - ams AG AS3524 Datasheet HTML 99Page - ams AG AS3524 Datasheet HTML 100Page - ams AG AS3524 Datasheet HTML 101Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
97
- 124
Table 23 PLLA Supervisor Register
Name
Base
Default
CGU_PLLASUP
AS3525_CGU_BASE
0x08
PLLA Supervisor Register
Offset0x08
This register contains control bits of the PLLA which are used very rarely, but have
major impact on the functionality of the system.
Bit
Bit Name
Default
Access
Bit Description
3
PLLA_PD
0x00
R/W
PLLA power down if SET
2
PLLA_OEB
0x00
R/W
PLLA output enable, active low
1
PLLA_BP
0x00
R/W
PLLA bypass if SET
0
PLLA_FIN_SEL
0x00
R/W
PLLA clock source select
0: clk_int [PAD]
1: clk_ext [PAD]
Table 24 PLBB Supervisor Register
Name
Base
Default
CGU_PLLBSUP
AS3525_CGU_BASE
0x08
PLLB Supervisor Register
Offset0x0c
This register contains control bits of the PLLB which are used very rarely, but have
major impact on the functionality of the system.
Bit
Bit Name
Default
Access
Bit Description
3
PLLB_PD
0x00
R/W
PLLB power down if SET
2
PLLB_OEB
0x00
R/W
PLLB output enable, active low
1
PLLB_BP
0x00
R/W
PLLB bypass if SET
0
PLLB_FIN_SEL
0x00
R/W
PLLB clock source select
0: clk_int [PAD]
1: clk_ext [PAD]
Table 25 Processor Clock Controller Register
Name
Base
Default
CGU_PROC
AS3525_CGU_BASE
0x00
Processor Clock Controller Register
Offset0x10
This register contains control bits for ARM processor clock generation => FCLK.
Bit
Bit Name
Default
Access
Bit Description
7:4
FCLK_POSTDIV_SEL
[3:0]
0x00
R/W
post divider division ratio => post_div =
1/(fclk_postdiv_sel + 1)
3:2
FCLK_PREDIV_SEL
[1:0]
0x00
R/W
pre divider (fractional) division ratio
00: pre_div = 1/1
01: pre_div = 7/8
10: pre_div = 6/8
11: pre_div = 5/8
1:0
FCLK_SEL[1:0]
0x00
R/W
clkin select
00: clk_main
01: plla_fout
10: pllb_fout
11: reserved (clk_main)
NOTE: f(fclk) := f(clkin) * pred_div * post_div;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com