Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 33 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 33 Page - ams AG

Back Button AS3524 Datasheet HTML 29Page - ams AG AS3524 Datasheet HTML 30Page - ams AG AS3524 Datasheet HTML 31Page - ams AG AS3524 Datasheet HTML 32Page - ams AG AS3524 Datasheet HTML 33Page - ams AG AS3524 Datasheet HTML 34Page - ams AG AS3524 Datasheet HTML 35Page - ams AG AS3524 Datasheet HTML 36Page - ams AG AS3524 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
33
- 124
5.2.8 Memory Stick / Memory Stick Pro Interface
The Sony memory stick interface is an AHB bus slave device. This interface conforms to following standards:
•
Memory Stick Standard Format Specifications version 1.4-00
•
Memory Stick PRO Format Specifications version 1.00-01
5.2.8.1
Block Diagram
The memory stick interface contains two main blocks, the ICON and the host controller.
Figure 12 SONY memory stick interface block diagram
5.2.8.2
I-CON
This IP is Memory Stick / Memory Stick PRO Host Controller automatic control IP with a 32-bit CPU interface. This IP automatically controls the
series of TPC-based communication with the Memory Stick in place of the CPU, and aims to reduce the burden on the Host CPU.
The contents of communication with the Memory Stick are designated in this IP by micro codes.
Features
•
32-bit CPU interface
•
Inside controller specified by microcodes
•
Buffer for two-way data transmission loaded (256 byte x 2)
•
32/16 bit access available
•
DMA support
•
General-purpose data transmit/receive FIFO (12 Bytes)
5.2.8.3
Host Controller
Features
•
Memory Stick and Memory Stick PRO support
•
FiFo memory (64 bits × 4) for two-way data transmission
•
Built-in CRC circuit
•
Memory Stick serial clock (Serial: 20 MHz (max.), Parallel: 40 MHz (max.))
•
DMA support
•
16/32/64-bit access possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com