Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 16 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 16 Page - ams AG

Back Button AS3524 Datasheet HTML 12Page - ams AG AS3524 Datasheet HTML 13Page - ams AG AS3524 Datasheet HTML 14Page - ams AG AS3524 Datasheet HTML 15Page - ams AG AS3524 Datasheet HTML 16Page - ams AG AS3524 Datasheet HTML 17Page - ams AG AS3524 Datasheet HTML 18Page - ams AG AS3524 Datasheet HTML 19Page - ams AG AS3524 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
16
- 124
5.1.6 Boot Concept
It can be selected if the system should boot either using the internal ROM (internal boot loader) or an external ROM/Flash (connected to the MPMC
interface). XPC[0] is read within global chip reset to do the selection of either internal or external boot.
Table 7
Boot definitions for internal/external boot selection
XPC[0]
Booting Option
1
Internal ROM
0
External ROM/Flash
For the internal bootloader, two chip versions are available: C21 and C22. Version C22 has additional features and is fully backward compatible to
C21.
5.1.6.1
Internal Bootloader Version C21
Within the internal ROM boot loader several options for booting can be selected:
•
SSP IF - SPI master for ST serial flash types
•
SSP IF - SPI slave
•
NandFlash
•
Debug UART diagnostics
All boot loader options of the internal bootloader are configured by XPC[3:1] pins. External pull-up or pull-down resistors should be used to
configure the boot options.
Table 8
Boot definitions Chip version C21
XPC[3:1]
Boot Device
0
000
SPI master ST M25Pxx serial Nor Flash
1
001
reserved
2
010
SPI slave
3
011
NandFlash (SB/BB - autodetect)
4
100
NandFlash (SB/BB - autodetect)
5
101
UART / Command Line Interface without diagnostics
6
110
UART / Command Line Interface without diagnostics
7
111
UART / Command Line Interface with diagnostics
5.1.6.2
Internal Bootloader Version C22
For chip version C22 the boot loader is extended with two additional features
•
IDE boot: direct boot from harddisk
•
USB boot promer. In the case that a USB connection is present and either an update button is pressed or there is no bootable device, the
USB promer is started (see Figure 5 Boot decision between normal boot and USB boot promer” for details). The USB boot promer allows
update of the firmware by using an USB mass storage class device. This update can be used either for initial programming (factory
programming) or as mechanism for an in-field firmware update.
The C22 boot loader is fully compatible to the C21 boot loader except for mode 4, where the previous NAF boot mode is replaced by IDE boot. For
version C22, NAF boot is only available in mode 3. Refer to Table 9
Boot definitions Chip version C22” for details.
The update button is located between xpa[4] and xpa[0]. Within the key scan routine, xpa[4] is driven shortly to each logic level “0” and “1” and the
value of xpa[0] is read back to sense a keypress of the update button.
For the USB promer, it is necessary that frequency settings defining the quarz crystal frequency are defined by the pins xpc[3:1]. For details refer to
“Table 10 USB promer frequency settings”. These settings are read at the beginning in the initialisation routine of the bootloader.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com