Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 59 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 59 Page - ams AG

Back Button AS3524 Datasheet HTML 55Page - ams AG AS3524 Datasheet HTML 56Page - ams AG AS3524 Datasheet HTML 57Page - ams AG AS3524 Datasheet HTML 58Page - ams AG AS3524 Datasheet HTML 59Page - ams AG AS3524 Datasheet HTML 60Page - ams AG AS3524 Datasheet HTML 61Page - ams AG AS3524 Datasheet HTML 62Page - ams AG AS3524 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
59
- 124
Table 40 I2S output interrupt clear register
Name
Base
Default
I2SOUT_CLEAR
AS3525_I2SOUT_BASE
0x00
Interrupt clear register
Offset: 0x0010
The interrupt clear register is a write-only register. The corresponding static status
bit can be cleared by writing a 1 to the corresponding bit in the clear register. All
other interrupt flags are level interrupts depending on the status of the FIFO. The
bits are de-asserted depending on the FIFO controller.
Bit
Bit Name
Default
Access
Bit Description
7
reserved
W
6
I2SOUT_clear_poer
W
Clear POP error interrupt flag
5:1
reserved
W
0
I2SOUT_clear_puer
W
Clear PUSH error interrupt flag
I2SOUT_DATA
The I2SOUTIF provides two 32 bit wide data registers. The registers are used to store the audio samples before they are written to the FIFO. The
registers can be used in different modes depending on the setting of the I2SOUT_CONTROL register.
Basically, there are four ways to fill the FIFO.
The processor can provide
•
two 18 bit audio samples, one for each channel (R,L). The values are written to I2SOUT_DATA.
•
two 16 bit audio samples, one for each channel (R,L). Both values are written to the 32-bit wide I2SOUT_DATA
register at the same time. This mode is highly efficient for 32-bit processor architectures.
•
one 18 bit mono audio sample; the sample is used for both channels (R and L). The value is written to the
I2SOUT_DATA.
•
one 16 bit mono audio sample; the sample is used for both channels (R and L). The value is written to the
I2SOUT_DATA.
In 18 bit stereo mode the data in I2SOUT_DATA is interpreted either as left or right audio value. The stereo18_status bit in the I2SOUT_STATUS
register provides the information which channel’s audio sample is expected next.
The I2S Output Signals
The following specifications signals are given:
•
Data are valid at the rising edge of I2SO_SCLK.
•
The MSB is left justified to the I2S frame identification (I2SO_LRCK). According to standard I2S definition, a delay of
one clock cycle between transition of I2SO_LRCK and the data MSB is used.
The timing diagram of the I2S interface signals for 18bit and 16bit DAC is shown below.
15
2
1
0
17
2
1
0
Left Channel
15
2
1
0
17
2
1
0
Right Channel
I2SO_LRCK
I2SO_SCLK
I2SO_SDATA
16 bit
I2SO_SDATA
18 bit
I2SO_MCLK
T
period(fsaudio) / 2
T
period(fsaudio) / 2
Figure 27 - I2S output timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com