Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 96 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 96 Page - ams AG

Back Button AS3524 Datasheet HTML 92Page - ams AG AS3524 Datasheet HTML 93Page - ams AG AS3524 Datasheet HTML 94Page - ams AG AS3524 Datasheet HTML 95Page - ams AG AS3524 Datasheet HTML 96Page - ams AG AS3524 Datasheet HTML 97Page - ams AG AS3524 Datasheet HTML 98Page - ams AG AS3524 Datasheet HTML 99Page - ams AG AS3524 Datasheet HTML 100Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
96
- 124
5.3.14.5 Clock Generation Unit Registers
Table 20 CGU Registers
Register Name
Base Address
Offset
Note
CGU_PLLA
AS3525_CGU_BASE
0x00
PLLA configuration register
CGU_PLLB
AS3525_CGU_BASE
0x04
PLLB configuration register
CGU_PLLASUP
AS3525_CGU_BASE
0x08
PLLA supervisor register
CGU_PLLBSUP
AS3525_CGU_BASE
0x0C
PLLB supervisor register
CGU_PROC
AS3525_CGU_BASE
0x10
processor clock control register
CGU_PERI
AS3525_CGU_BASE
0x14
peripheral clock control register
CGU_AUDIO
AS3525_CGU_BASE
0x18
audio clock control register
CGU_USB
AS3525_CGU_BASE
0x1C
USB clock control register
CGU_INTCTRL
AS3525_CGU_BASE
0x20
CGU interrupt mask and enable register
CGU_IRQ
AS3525_CGU_BASE
0x24
interrupt clear and lock status register
CGU_COUNTA
AS3525_CGU_BASE
0x28
PLLA lock counter register
CGU_COUNTB
AS3525_CGU_BASE
0x2C
PLLB lock counter register
CGU_IDE
AS3525_CGU_BASE
0x30
IDE clock control register
CGU_MS
AS3525_CGU_BASE
0x34
Memory Stick clock control register
CGU_DBOP
AS3525_CGU_BASE
0x38
DBOP clock controller register
Table 21 CGU_PLLA Register
Name
Base
Default
CGU_PLLA
AS3525_CGU_BASE
0x00
PLLA Configuration Register
Offset0x00
The CGU_PLLA register is used to configure the PLL A
Bit
Bit Name
Default
Access
Bit Description
14:13
PLLA_OD [1:0]
0x00
R/W
PLLA output divider control, 2 bit
12:8
PLLA_R [4:0]
0x00
R/W
PLLA input divider control, 5-bit
7:0
PLLA_F [7:0]
0x00
R/W
PLLA feedback divider control, 8 bit
Table 22 CGU_PLLB Register
Name
Base
Default
CGU_PLLB
AS3525_CGU_BASE
0x00
PLLB Configuration Register
Offset0x04
The CGU_PLLB register is used to configure the PLL B
Bit
Bit Name
Default
Access
Bit Description
14:13
PLLB_OD [1:0]
0x00
R/W
PLLB output divider control, 2 bit
12:8
PLLB_R [4:0]
0x00
R/W
PLLB input divider control, 5-bit
7:0
PLLB_F [7:0]
0x00
R/W
PLLB feedback divider control, 8 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com