Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 34 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 34 Page - ams AG

Back Button AS3524 Datasheet HTML 30Page - ams AG AS3524 Datasheet HTML 31Page - ams AG AS3524 Datasheet HTML 32Page - ams AG AS3524 Datasheet HTML 33Page - ams AG AS3524 Datasheet HTML 34Page - ams AG AS3524 Datasheet HTML 35Page - ams AG AS3524 Datasheet HTML 36Page - ams AG AS3524 Datasheet HTML 37Page - ams AG AS3524 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
34
- 124
5.2.8.4 Functional description
Communication with the Memory Stick
The communication protocol with the Memory Stick is started by write from the CPU to the command register. When the protocol finishes, the CPU
is notified that the protocol has ended by an interrupt request.
Data transfer request
When the protocol is started and enters the data transfer state, data is requested by issuing a DMA transfer request or an interrupt request to the
CPU. Data can also be requested to an external memory.
Memory Stick communication time out
The RDY time out time when the handshake state (read protocol: BS2, write protocol: BS3) is established in communication with the Memory Stick
can be designated as the number of Memory Stick transfer clocks. When a time out occurs, the CPU is notified that the protocol has ended due to a
time out error by an interrupt request.
CRC off
CRC off can be set as a test mode.
When CRC off is set, CRC is not added to the data transmitted to the Memory Stick.
PAD cells
The connections to the MemoryStick Interface are shared with the General Purpose I/O port-D (GPIO xpd[0:7]).
Figure 13 external memory stick connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com