Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 73 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 73 Page - ams AG

Back Button AS3524 Datasheet HTML 69Page - ams AG AS3524 Datasheet HTML 70Page - ams AG AS3524 Datasheet HTML 71Page - ams AG AS3524 Datasheet HTML 72Page - ams AG AS3524 Datasheet HTML 73Page - ams AG AS3524 Datasheet HTML 74Page - ams AG AS3524 Datasheet HTML 75Page - ams AG AS3524 Datasheet HTML 76Page - ams AG AS3524 Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
73
- 124
5.3.12 DBOP - Data Block Output Port
Purpose of this ARM APB peripheral module is a high-speed data output port that can support data transfer to various display controllers based on
synchronous control interfaces. Programmability of polarity and timing of the generated control signals makes it possible to support various kinds of
displays. Example of a supported display controller is the Hitachi HD77766R LCDE controller.
From the programmers point of view the DBOP module can be serviced by DMA accesses. With the large size of the data FIFO and the
programmable interrupt request conditions the overhead for SW is minimised. Simple read instructions to read for example a status register of the
LCD controller are also supported.
The usage of this cell results in a great performance boost compared to the standard ARM GPIO PrimeCell™ architecture.
Features
•
APB bus interface
•
support for direct memory access (DMA)
•
data output FIFO with 128 words (32 bit wide)
•
8 or 16 bit parallel data output (configurable)
•
4 control outputs - flexible programming of the signal waveforms with respect to polarity and timing
•
programmable even/odd control output generation
•
8 or 16 bit parallel data input register with programmable read strobe
•
programmable conditions for interrupt generation based on FIFO flags
•
usage of FIFO for simple division of APB clock domain and output clock domain
•
programmable data output rate in range of 0.05 to 4 MHz
•
APB Clock & DBOP Clocks are synchronous.
Figure 31 DBOP Block Diagram
Amba
APB
Interface
PRESETn
PSEL
PENABLE
PWRITE
PADDR[11:2]
PWDATA[31:0]
PRDATA[7:0]
PCLK
Register
Block
DMA
Interface
DBOPDMASREQ
DBOPDMABREQ
DBOPDMACLR
symetric FiFo
Controller
32
32
Control
Signal
Generator
dbop_clk
c0 / xpb[0]
c1 / xpb[1]
c2 / xpb[2]
c3 / xpb[3]
dbop_d[7:0] / xpc[7:0]
Din register
FiFo
push
status
FiFo
pop
status
dinStrobe
din[7:0]
Interrupt
Generator
8
dataValid
Dout
register
lb_select,
hb_select
pop
push
Dual ported
RAM 128x32
FiFo 128x32
DBOPIRQ
DBOP
dbop_d[11:8] / xpb[7:4]
dbop_d[15:12]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com