Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 36 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 36 Page - ams AG

Back Button AS3524 Datasheet HTML 32Page - ams AG AS3524 Datasheet HTML 33Page - ams AG AS3524 Datasheet HTML 34Page - ams AG AS3524 Datasheet HTML 35Page - ams AG AS3524 Datasheet HTML 36Page - ams AG AS3524 Datasheet HTML 37Page - ams AG AS3524 Datasheet HTML 38Page - ams AG AS3524 Datasheet HTML 39Page - ams AG AS3524 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
36
- 124
The timer clock enable is generated by a prescale unit. The enable is then used by the counter to create a clock with a timing of one of the
following.
•
The system clock
•
The system clock divided by 16, generated by 4 bits of prescale
•
The system clock divided by 256, generated by a total of 8 bits of prescale
Figure 15 - timer prescaler
5.3.1.2 Interrupt generation
An interrupt is generated when the full 32-bit counter reaches zero, and is only cleared when the TimerXClear location is written to. A register holds
the value until the interrupt is cleared. The most significant carry bit of the counter detects the counter reaching zero.
Interrupts can be masked by writing 0 to the interrupt enable bit in the control register. Both the raw interrupt satus (prior to masking) and the final
interrupt status (after masking) can be read from status registers.
Timer 1 interrupt output is connected to interrupt input line irq1 (VIC input) and Timer 2 interrupt output is connected to interrupt line irq2.
5.3.1.3 Timer Register Descriptions
Table 15 – Timer 1 and 2 registers
Register Name
Base Address
Offset
Note
Timer1Load
AS3525_TIMER_BASE
0x00
load value for Timer 1
Timer1Value
AS3525_TIMER_BASE
0x04
current value for Timer 1
Timer1Control
AS3525_TIMER_BASE
0x08
Timer 1 control register
Timer1IntClr
AS3525_TIMER_BASE
0x0C
Timer 1 interrupt clear
Timer1RIS
AS3525_TIMER_BASE
0x10
Timer 1 raw interrupt status
Timer1MIS
AS3525_TIMER_BASE
0x14
Timer 1 masked interrupt status
Timer1BGLoad
AS3525_TIMER_BASE
0x18
Timer 1 background load value
Timer2Load
AS3525_TIMER_BASE
0x20
load value for Timer 2
Timer2Value
AS3525_TIMER_BASE
0x24
current value for Timer 2
Timer2Control
AS3525_TIMER_BASE
0x28
Timer 2 control register
Timer2IntClr
AS3525_TIMER_BASE
0x2C
Timer 2 interrupt clear
Timer2RIS
AS3525_TIMER_BASE
0x30
Timer 2 raw interrupt status
Timer2MIS
AS3525_TIMER_BASE
0x34
Timer 2 masked interrupt status
Timer2BGLoad
AS3525_TIMER_BASE
0x38
Timer 2 background load value
Periheral ID register bits 7:0
AS3525_TIMER_BASE
0xFE0
Peripheral ID register bits 7:0
Periheral ID register bits 15:8
AS3525_TIMER_BASE
0xFE4
Peripheral ID register bits 15:8
Periheral ID register bits 23:16 AS3525_TIMER_BASE
0xFE8
Peripheral ID register bits 23:16
Periheral ID register bits 31:24 AS3525_TIMER_BASE
0xFEC
Peripheral ID register bits 31:24
Primecell ID register bits 7:0
AS3525_TIMER_BASE
0xFF0
Primecell ID register bits 7:0
Primecell ID register bits 15:8
AS3525_TIMER_BASE
0xFF4
Primecell ID register bits 15:8
Primecell ID register bits 23:16 AS3525_TIMER_BASE
0xFF8
Primecell ID register bits 23:16
Primecell ID register bits 31:24 AS3525_TIMER_BASE
0xFFC
Primecell ID register bits 31:24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com