Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 24 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 24 Page - ams AG

Back Button AS3524 Datasheet HTML 20Page - ams AG AS3524 Datasheet HTML 21Page - ams AG AS3524 Datasheet HTML 22Page - ams AG AS3524 Datasheet HTML 23Page - ams AG AS3524 Datasheet HTML 24Page - ams AG AS3524 Datasheet HTML 25Page - ams AG AS3524 Datasheet HTML 26Page - ams AG AS3524 Datasheet HTML 27Page - ams AG AS3524 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
24
- 124
5.2.5 Multi Port Memory Controller (MPMC)
The MPMC block is integrated into the AMBA system through AHB slave port.
The PrimeCell™ MPMC offers:
•
AMBA 32-bit AHB compliance.
•
Dynamic memory interface support including SDRAM and JEDEC low-power SDRAM
•
Asynchronous static memory device support including RAM, ROM, and Flash, with or without asynchronous page
mode.
•
Low transaction latency.
•
Read and write buffers to reduce latency and to improve performance.
•
Single AHB interface for accessing external memory.
•
8-bit and 16-bit wide static memory support.
•
16-bit wide chip select SDRAM memory support.
•
Static memory features include:
•
asynchronous page mode read
•
programmable wait states
•
bus turnaround delay
•
output enable, and write enable delays
•
extended wait
•
Two chip selects for synchronous memory and two chip selects for static memory devices.
•
Software controllable HCLK to MPMCCLKOUT ratio.
•
Power-saving modes dynamically control SDRAM MPMCCKEOUT and MPMCCLKOUT.
•
Dynamic memory self-refresh mode supported by software.
•
Controller supports 2K, 4K, and 8K row address synchronous memory parts. That is typical 512MB, 256MB, 128MB,
and 16Mb parts, with 8, 16 bits per device.
•
Two reset domains enable dynamic memory contents to be preserved over a soft reset.
•
A separate AHB interface to program the MPMC. This enables the PrimeCell™ MPMC registers to be situated in
memory with other system peripheral registers.
•
Locked AHB transactions supported.
•
Support for all AHB burst types.
Figure 8 Multi Port Memory Controller Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com