Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 64 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 64 Page - ams AG

Back Button AS3524 Datasheet HTML 60Page - ams AG AS3524 Datasheet HTML 61Page - ams AG AS3524 Datasheet HTML 62Page - ams AG AS3524 Datasheet HTML 63Page - ams AG AS3524 Datasheet HTML 64Page - ams AG AS3524 Datasheet HTML 65Page - ams AG AS3524 Datasheet HTML 66Page - ams AG AS3524 Datasheet HTML 67Page - ams AG AS3524 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
64
- 124
Table 42 NAF configuration register
Name
Base
Default
NAFConfig
AS3525_NAND_FLASH_BASE
0x00
NAF Configuration Register
Offset 0x0000
The register is used for basic setup. 8 or 16-bit data width, little or big endian can
be selected. DMA and FIFO on/off can be controlled as well as duty cycle and
duration of read & write signals.
Bit
Bit Name
Default
Access
Bit Description
19:16
write_strobe_low [3:0]
0x00
R/W
low time (# of PCLK cycles + 1) of the output ‘naf_we_n’
(e.g. a value of 1 will keep naf_we_n at ‘0’ for 3 PCLK
cycles during write)
15:12
write_strobe_high [3:0]
0x00
R/W
high time (# of PCLK cycles + 2) of the output ‘naf_we_n’
(e.g. a value of 0 will keep naf_we_n at ‘1’ for 2 PCLK
cycles during write)
11:8
read_strobe_low [3:0]
0x00
R/W
low time (# of PCLK cycles + 1) of the output ‘naf_re_n’
(e.g. a value of 2 will keep naf_re_n at ‘0’ for 3 PCLK cycles
during read)
7:4
read_strobe_high [3:0]
0x00
R/W
high time (# of PCLK cycles + 2) of the output ‘naf_re_n’
(e.g. a value of 0 will keep naf_re_n at ‘1’ for 2 PCLK cycles
during read)
3
dma_on
0x0
R/W
0: DMA is disabled and all DMA request signals are tied to
1: DMA is enabled
2
fifo_staticreset_n
0x0
R/W
0: FIFO is reset
1: FIFO is enabled
1
big_endian
0x0
R/W
0: little endian (FIFO data word will be processed in the
order word(7:0), word(15:8), word(23:16) and word(31:24)
when x16_device is 0; word(15:0) and word(31:16) when
x16_device is 1
1: big endian (FIFO data word will be processed in the order
word(31:24), word(23:16), word(15:8) and word(7:0) when
x16_device is 0; word(31:16) and word(15:0) when
x16_device is 1
Note: big_endian is only supported for r/w access through
register NAFFifodata
0
x16_device
0x0
R/W
0: X8 Device (for NAND flash with 8-bit data bus)
1: X16 Device (for NAND flash with 16-bit data bus)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com