Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 44 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 44 Page - ams AG

Back Button AS3524 Datasheet HTML 40Page - ams AG AS3524 Datasheet HTML 41Page - ams AG AS3524 Datasheet HTML 42Page - ams AG AS3524 Datasheet HTML 43Page - ams AG AS3524 Datasheet HTML 44Page - ams AG AS3524 Datasheet HTML 45Page - ams AG AS3524 Datasheet HTML 46Page - ams AG AS3524 Datasheet HTML 47Page - ams AG AS3524 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
44
- 124
5.3.4 GPIO - General purpose input/output ports
The ARM PrimeCell™ PL061 “General Purpose Input/Output” is included in the APB system.
•
compliant to AMBA Rev 2.0
•
each port has eight individually programmable input/output pins, default to input at reset
•
four ports A, B, C, D are included
•
programmable interrupt generation capability, from a transition or level condition, on any number of PINs
•
hardware control capability of GPIO’s for different system configurations.
•
bit masking in both read and write operations through address lines
Figure 18 GPIO Block Diagram
Table 25: GPIO Registers
Register Name
Base Address
Offset
Note
GPIO1_DATA
AS3525_GPIO1_BASE
0x000
GPIO data register
GPIO1_DIR
AS3525_GPIO1_BASE
0x400
GPIO data direction register
GPIO1_IS
AS3525_GPIO1_BASE
0x404
GPIO interrupt sense register
GPIO1_IBE
AS3525_GPIO1_BASE
0x408
GPIO interrupt both edges register
GPIO1_IEV
AS3525_GPIO1_BASE
0x40C
GPIO interrupt event register
GPIO1_IE
AS3525_GPIO1_BASE
0x410
GPIO interrupt mask register
GPIO1_RIS
AS3525_GPIO1_BASE
0x414
GPIO raw interrupt status
GPIO1_MIS
AS3525_GPIO1_BASE
0x418
GPIO masked interrupt status
GPIO1_IC
AS3525_GPIO1_BASE
0x41C
GPIO interrupt clear
GPIO1_AFSEL
AS3525_GPIO1_BASE
0x420
GPIO mode control select
GPIO2_DATA
AS3525_GPIO2_BASE
0x000
GPIO data register
GPIO2_DIR
AS3525_GPIO2_BASE
0x400
GPIO data direction register
GPIO2_IS
AS3525_GPIO2_BASE
0x404
GPIO interrupt sense register
GPIO2_IBE
AS3525_GPIO2_BASE
0x408
GPIO interrupt both edges register
GPIO2_IEV
AS3525_GPIO2_BASE
0x40C
GPIO interrupt event register
GPIO2_IE
AS3525_GPIO2_BASE
0x410
GPIO interrupt mask register
GPIO2_RIS
AS3525_GPIO2_BASE
0x414
GPIO raw interrupt status
GPIO2_MIS
AS3525_GPIO2_BASE
0x418
GPIO masked interrupt status
GPIO2_IC
AS3525_GPIO2_BASE
0x41C
GPIO interrupt clear
GPIO2_AFSEL
AS3525_GPIO2_BASE
0x420
GPIO mode control select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com