Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 58 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 58 Page - ams AG

Back Button AS3524 Datasheet HTML 54Page - ams AG AS3524 Datasheet HTML 55Page - ams AG AS3524 Datasheet HTML 56Page - ams AG AS3524 Datasheet HTML 57Page - ams AG AS3524 Datasheet HTML 58Page - ams AG AS3524 Datasheet HTML 59Page - ams AG AS3524 Datasheet HTML 60Page - ams AG AS3524 Datasheet HTML 61Page - ams AG AS3524 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
58
- 124
Table 38 I2S output raw status register
Name
Base
Default
I2SOUT_RAW_STATUS
AS3525_I2SOUT_BASE
0x00
Raw status register
Offset: 0x0008
The read-only raw status register contains the actual bit values as reflected by the
FIFO controller status signals. I2SOUT_POER and I2SOUT_PUER are static bits,
since FIFO controller gives the PUSH/POP error bit only for one clock. This means
that these two bits remain asserted until they are cleared in the I2SOUT_CLEAR
register. All other bits change state depending on the underlying logic, i.e. state of
FIFO controller.
Bit
Bit Name
Default
Access
Bit Description
7
stereo18_status
0
R
Status of write interface for 18 bit stereo mode
0: left audio sample is expected next
1: right audio sample is expected next
6
I2SOUT_POER
0
R
1 if FIFO POP error
5
I2SOUT_PUE
0
R
1 if FIFO PUSH is empty
4
I2SOUT_PUAE
0
R
1 if FIFO PUSH is almost empty
3
I2SOUT_PUHF
0
R
1 if FIFO PUSH is half full
2
I2SOUT_PUAF
0
R
1 if FIFO PUSH is almost full
1
I2SOUT_PUF
0
R
1 if FIFO PUSH is full
0
I2SOUT_PUER
0
R
1 if FIFO PUSH error
Table 39 I2S output status register
Name
Base
Default
I2SOUT_STATUS
AS3525_I2SOUT_BASE
0x00
Status register
Offset: 0x000C
The status register is a read-only register. A read to this register returns the value
of the raw status bits AND’ed with the corresponding mask of enable bits set in the
mask register.
Bit
Bit Name
Default
Access
Bit Description
7
stereo18_status
0
R
Status of write interface for 18 bit stereo mode
0: left audio sample is expected next
1: right audio sample is expected next
6
I2SOUT_POER
0
R
1 if FIFO POP error
5
I2SOUT_PUE
0
R
1 if FIFO PUSH is empty
4
I2SOUT_PUAE
0
R
1 if FIFO PUSH is almost empty
3
I2SOUT_PUHF
0
R
1 if FIFO PUSH is half full
2
I2SOUT_PUAF
0
R
1 if FIFO PUSH is almost full
1
I2SOUT_PUF
0
R
1 if FIFO PUSH is full
0
I2SOUT_PUER
0
R
1 if FIFO PUSH error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com