Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3524 Datasheet(PDF) 57 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 57 Page - ams AG

Back Button AS3524 Datasheet HTML 53Page - ams AG AS3524 Datasheet HTML 54Page - ams AG AS3524 Datasheet HTML 55Page - ams AG AS3524 Datasheet HTML 56Page - ams AG AS3524 Datasheet HTML 57Page - ams AG AS3524 Datasheet HTML 58Page - ams AG AS3524 Datasheet HTML 59Page - ams AG AS3524 Datasheet HTML 60Page - ams AG AS3524 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
57
- 124
Table 36 I2SOUT control register
Name
Base
Default
I2SOUT_CONTROL
AS3525_I2SOUT_BASE
0x0C
Control register
Offset: 0x0000
7 bit wide read/write register containing the control bits of the I2SOUTIF.
Bit
Bit Name
Default
Access
Bit Description
6
DMA_req_en
0
R/W
DMA request enable
0: disable
1: enable
5
sdata_lb
0
R/W
I2SDATA loopback from I2SINIF
0: I2SOUT_SDATA source is I2SOUTIF’s FIFO
1: I2SOUT_SDATA source is loopback value from I2SINIF
(signal I2SIN_FDATA)
4
mclk_invert
0
R/W
Invert MCLK
0: disable (SCLK changes at MCLK’s falling edge)
1: enable (SCLK changes at MCLK’s rising edge)
3
stereo_mode
1
R/W
Audio samples provided by processor
0: mono
1: stereo
2
18bit_mode
1
R/W
Bit width of audio samples provided by processor
0: 16 bit
1: 18 bit
1,0
osr
00
R/W
Oversampling rate
00: 128x
01: 256x
10: 512x
11: 128x
CAUTION: The control bit sdata_lb can only be set, if the I2SIN_FSDATA is synchronous to I2SOUT_SCLK. This is the case if AFE is used
together with the AS3525 (in this case the I2SINIF uses also I2SOUT_CLK).
Table 37 I2S Output mask register
Name
Base
Default
I2SOUT_MASK
AS3525_I2SOUT_BASE
0x00
Interrupt mask register
Offset: 0x0004
The interrupt mask register determines which status flags generate an interrupt by
setting the corresponding bit to 1.
Bit
Bit Name
Default
Access
Bit Description
7
reserved
0
R/W
stereo18_status cannot assert interrupt request
6
I2SOUT_MASK_POER
0
R/W
1 enables the FIFO POP error interrupt
5
I2SOUT_MASK_PUE
0
R/W
1 enables the FIFO PUSH is empty interrupt
4
I2SOUT_MASK_PUAE
0
R/W
1 enables the FIFO PUSH is almost empty interrupt
3
I2SOUT_MASK_PUHF
0
R/W
1 enables the FIFO PUSH is half full interrupt
2
I2SOUT_MASK_PUAF
0
R/W
1 enables the FIFO PUSH is almost full interrupt
1
I2SOUT_MASK_PUF
0
R/W
1 enables the FIFO PUSH is full interrupt
0
I2SOUT_MASK_PUER
0
R/W
1 enables the FIFO PUSH error interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com