Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 103 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 103 Page - ams AG

Back Button AS8218 Datasheet HTML 99Page - ams AG AS8218 Datasheet HTML 100Page - ams AG AS8218 Datasheet HTML 101Page - ams AG AS8218 Datasheet HTML 102Page - ams AG AS8218 Datasheet HTML 103Page - ams AG AS8218 Datasheet HTML 104Page - ams AG AS8218 Datasheet HTML 105Page - ams AG AS8218 Datasheet HTML 106Page - ams AG AS8218 Datasheet HTML 107Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 103 of 123
Note: During ‘Write/Read EEPROM’ or ‘Write/Read XDATA’ the MCU keeps running. The SCT guarantees that
there is no collision between MCU and SCT memory accesses.
Command Interpreter
The command interpreter continuously looks at the UART1 input to detect if a command has been sent, i.e. a
specific byte that is defined to initiate a dedicated mode of operation (see flow diagram above).
The commands have been specified to lie outside the ‘normal’ ASCII range. All codes not specified within the
following table can directly be transferred to the MCU without any interference by the SCT.
Command Name
Code
Description
SOFT_RESET
F0h
Resets the chip and initiates a BOOTLOAD sequence, then the MCU program is
started.
RD_PROMPT
F1h
The chip sends a specific signature, ‘ALIVE’ which is ASCII coded. This can be
used to test the UART1/SCT interface.
SBAUD
F2h
Makes it possible to set the UART1 baudrate from outside the chip by directly
accessing the SFRs ‘SBaudL’ and ‘SBaudH’.
Default setting: 11 (3.5795MHz crystal and 19200 Baud)
READ_P
F3h
Enables reading of data from EEPROM.
WRITE_P
F4h
Data can be written to the EEPROM.
READ_X
F5h
Data from the XDATA address space can be read.
WRITE_X
F6h
Data can be written to any location in the XDATA address space.
SCT Registers
The system control (SCT) registers provide for the setting of various enables signals and selection of the MCU
clock (MCU_CLK) frequency.
Register Name
Address Reset Value Description
-
9000h
-
Not used
enable signals
9001h
000b
See table below
mcuclkdiv[2:0]
9002h
000b
See table below
Enable Signals Register
The enable signals register includes power-down signals and other control signals.
MSB
LSB
-
-
enable_crc
u2clkoff
u1clkoff
dam
sdmi2_pd
afe_pd
Bit
Symbol
Function
7
-
Not used
6
-
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com