Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218 Datasheet(PDF) 105 Page - ams AG

Part # AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Datasheet(HTML) 105 Page - ams AG

Back Button AS8218 Datasheet HTML 101Page - ams AG AS8218 Datasheet HTML 102Page - ams AG AS8218 Datasheet HTML 103Page - ams AG AS8218 Datasheet HTML 104Page - ams AG AS8218 Datasheet HTML 105Page - ams AG AS8218 Datasheet HTML 106Page - ams AG AS8218 Datasheet HTML 107Page - ams AG AS8218 Datasheet HTML 108Page - ams AG AS8218 Datasheet HTML 109Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 105 of 123
8.8
Serial Interface – UART1
-
Extended version of the standard 8051 UART1
-
SBUF and SCON are compatible with standard 8051
-
Built-in 16 bit baudrate generator (SBAUDH, SBAUDL)
-
Additional SOVR receiver overflow indicator register
UART1 is used to communicate externally. UART1 requires only two pins to receive and transmit information.
UART1 is compatible to the Serial Interface of the 8051 microcontroller family, with the exception of the
baudrate generation. UART1 is functionally identical to UART2. Thus the instructions below are also valid for
UART2.
UART1 is segmented into three main functional blocks, namely Baudrate, Transmission and Reception, as
shown in the block diagram below:
Detected Bit
Receive
Shift Enable
Start
Reception
EndOfReception,
RB8
Data(0...7)
SCON
SBUF
TxD
Interrupt
RxD
16 bit
Baudrate
Generator
Transmit
Baudrate Timer
Receive
Baudrate Timer
SCON
Register
Transmit Unit
RI or TI
EndOfTransmission
Transmission
Reception
Baudrate
TB8
Receive
Shifter
Receive
SBUF
Receive
Control
Receive
Bit Detector
SBAUDH,
SBAUDL
SOVR
Figure 28: UART1 block diagram
There is no direct dependency on osc clock (Mode 0, 3). Instead there is a built-in 16 bit wide baudrate
generator for higher flexibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com