Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 34 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 34 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 38Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
34
Final
Version: DM9102D-DS-F01
May 10, 2006
Bit
Name
Default
Description
15
100BASE-T4
0,RO/P
100BASE-T4 Capable:
1=DM9102D is able to perform in 100BASE-T4 mode.
0=DM9102D is not able to perform in 100BASE-T4 mode.
14
100BASE-TX
Full Duplex
1,RO/P
100BASE-TX FULL DUPLEX CAPABLE:
1= DM9102D is able to perform 100BASE-TX in Full Duplex mode.
0= DM9102D is not able to perform 100BASE-TX in Full Duplex mode.
13
100BASE-TX
Half Duplex
1,RO/P
100BASE-TX Half Duplex Capable:
1=DM9102D is able to perform 100BASE-TX in Half Duplex mode.
0=DM9102D is not able to perform 100BASE-TX in Half Duplex mode.
12
10BASE-T
Full Duplex
1,RO/P
10BASE-T Full Duplex Capable:
1=DM9102D is able to perform 10BASE-T in Full Duplex mode.
0=DM9102D is not able to perform 10BASE-T in Full Duplex mode.
11
10BASE-T
Half Duplex
1,RO/P
10BASE-T Half Duplex Capable:
1=DM9102D is able to perform 10BASE-T in Half Duplex mode.
0=DM9102D is not able to perform 10BASE-T in Half Duplex mode .
10:7
Reserved
0000,RO
Reserved:
Write as 0, ignore on read
6
MF Preamble
Suppression
1,RW
MII Frame Preamble Suppression:
1=PHY will accept management frames with preamble suppressed.
0=PHY will not accept management frames with preamble suppressed.
5
Auto-negotiation
Complete
0,RO
Auto-negotiation Complete:
1=Auto-negotiation process is completed.
0=Auto-negotiation process is not completed.
4
Remote Fault
0,RC/LH
Remote Fault:
1= Remote fault condition detected (cleared on read or by a chip reset). Fault
criteria and detection method is DM9102D specific implementation. This bit
will set after the RF bit in the ANLPAR (bit 13, register address 05) is set
0= No remote fault condition detected
3
Auto-negotiation
Ability
1,RO/P
Auto Configuration Ability:
1=DM9102D is able to perform Auto-negotiation
0=DM9102D is not able to perform Auto-negotiation
2
Link Status
0,RC/LL
Link Status:
1=Valid link established (for either 10Mbps or 100Mbps operation)
0=Link not established
The link status bit is implemented with a latching function, so that the
occurrence of a link failure condition causes the Link Status bit to be cleared
and remain cleared until it is read via the management interface
1
Jabber Detect
0,RC/LH
Jabber Detect:
1=Jabber condition detected
0=No jabber
This bit is implemented with a latching function. Jabber conditions will set this
bit unless it is cleared by a read to this register through a management
interface or a DM9102D reset. This bit works only in 10Mbps mode
0
Extended
Capability
1,RO/P
Extended Capability:
1=Extended register capability
0=Basic register capability only
6.3.3 PHY Identifier Register #1 (PHYIDR1) – 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com