Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 38 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 38 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 42Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
38
Final
Version: DM9102D-DS-F01
May 10, 2006
1
SLEEP
0,RW
Sleep Mode:
Writing a 1 to this bit will cause PHY entering the Sleep mode and power
down all circuit except oscillator and clock generator circuit. When waking up
from Sleep mode (write this bit to 0), the configuration will go back to the state
before sleep; but the state machine will be reset.
0
RLOUT
0,RW
Remote Loop out Control:
When this bit is set to 1, the received data will loop out to the transmit channel.
This is useful for testing bit error rate.
6.3.9 DAVICOM Specified Configuration and Status Register (DSCSR) – 11H
Bit
Name
Default
Description
15
100FDX
1, RO
100M Full Duplex Operation Mode:
After Auto-negotiation is completed, results will be written to this bit. If this bit is
1, it means the operation mode is a 100Mbps Full Duplex mode. The software
can read bit[15:12] to see which mode is selected after Auto-negotiation. This
bit is invalid when it is not in the Auto-negotiation mode.
14
100HDX
1, RO
100M Half Duplex Operation Mode:
After Auto-negotiation is completed, results will be written to this bit. If this bit is
1, it means the operation mode is a 100Mbps Half Duplex mode. The
software can read bit[15:12] to see which mode is selected after
Auto-negotiation. This bit is invalid when it is not in the Auto-negotiation mode.
13
10FDX
1, RO
10M Full Duplex Operation Mode:
After Auto-negotiation is completed, results will be written to this bit. If this bit is
1, it means the operation mode is a 10Mbps Full Duplex mode. The software
can read bit[15:12] to see which mode is selected after Auto-negotiation. This
bit is invalid when it is not in the Auto-negotiation mode.
12
10HDX
1, RO
10M Half Duplex Operation Mode:
After Auto-negotiation is completed, results will be written to this bit. If this bit is
1, it means the operation mode is a 10Mbps Half Duplex mode. The software
can read bit[15:12] to see which mode is selected after Auto-negotiation. This
bit is invalid when it is not in the Auto-negotiation mode.
11:10
Reserved
00, RO
Reserved:
9
Reserved
1, RW
Reserved:
Write as 0, ignore on read
8:4
PHYAD[4:0]
00001, RW PHY Address Bit 4:0
3:0
ANMB[3:0]
0000, RO Auto-negotiation Monitor Bits:
These bits are for debug only. The Auto-negotiation status will be written to
these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com