Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 55 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 55 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 59Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
Final
55
Version: DM9102D-DS-F01
May 10, 2006
7.7.7 Word Offset (10~12): Ethernet Address
Address 0 = EEPROM Word 10 low byte
Address 1 = EEPROM Word 10 high byte
Address 2 = EEPROM Word 11 low byte
Address 3 = EEPROM Word 11 high byte
Address 4 = EEPROM Word 12 low byte
Address 5 = EEPROM Word 12 high byte
7.7.8 Example of DM9102D EEPROM Format
Total Size: 128 Bytes
Field Name
Offset (Byte) Size (Bytes)
Value
(Hex)
Commentary
Sub-Vendor ID
0
2
1282H
ID Block
Sub-Device ID
2
2
9102H
Reserved1
4
4
00000000
Auto_Load_Control
8
1
00
Auto-load function definition:
Bit 3~0 = 1010
Auto-Load PCI
Vendor ID/Device ID enabled
Bit 7~4 = 1x1x
Auto-Load NCE,
PMC/PMCSR enabled
New_Capabilities_Enable
(NCE)
9
1
00
Please refer to DM9102D Spec.
PCI Vendor ID
10
2
1282H
PCI Device ID
12
2
9102H
If Auto-Load PCI Vendor ID/Device
ID function disabled, the PCI
Vendor ID/Device ID will use the
default values (1282H, 9102H).
Power Management
Capabilities (PMC)
14
1
00
Please refer to DM9102D Spec.
Power Management
Control/Status (PMCSR)
15
1
00
Please refer to DM9102D Spec.
Reserved2
16
4
00
IEEE Network Address
20
6
-
Controller Info Header
Driver area
26
102
-
For software driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com