Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 68 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 68 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 64Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 65Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 66Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 67Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 68Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 70Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
68
Final
Version: DM9102D-DS-F01
May 10, 2006
9.8 Crystal Selection Guide
•
A crystal can be used to generate the 25MHz
reference clock instead of an oscillator. The
crystal
must
be
a
fundamental
type,
series-resonant, connected to X1 and X2, and
shunt to ground with 22pF capacitors. (See Table
9-3 and Figure 9-66.)
PARAMETER
SPEC
Type
Fundamental, series-resonant
Frequency
25 MHz +/-0.005%
Equivalent Series Resistance
25 ohms max
Load Capacitance
22 pF typ.
Case Capacitance
7 pF max.
Power Dissipation
1mW max.
Table 9-3: Crystal Specifications
97
98
X1
X2
AGND
AGND
22pf
25MHz
22pf
Figure 9-6
Crystal Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com