Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 14 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 14 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 18Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
14
Final
Version: DM9102D-DS-F01
May 10, 2006
Setting this bit will enable the DM9102D to assert PERR# on the detection
of a data parity error and to assert SERR# for reporting address parity
error
5
0
RO
VGA Palette Snooping (0 for No Support)
4
0
RO
Memory Write and Invalid (0 for No Implementation)
The DM9102D only generates memory write cycle
3
0
RO
Special Cycles (0 for No Implementation)
2
1
RW
Master Device Capability Enable/Disable
When this bit is set, DM9102D has the ability of master mode operation
1
1
RW
Memory Space Access Enable/Disable
This bit controls the ability of memory space access. The memory access
includes memory mapped I/O access and Boot ROM access. As the
system boots up, this bit will be enabled by BIOS for Boot ROM memory
access. While in normal operation, using memory mapped I/O access,
this bit should be set by driver before memory access cycles
0
1
RW
I/O Space Access Enable/Disable
This bit controls the ability of I/O space access. It will be set by BIOS after
power on
6.1.3 Revision ID (xxxxxx08H - PCIRV)
31
0
7
8
Revision ID
Class Code
3
4
Class Code
Revision Major Number
Revision Minor Number
Bit
Default
Type
Description
31:8
020000H
RO
Class Code (020000H)
This is the standard code for Ethernet LAN controller
7:4
0101
RO
Revision Major Number
This is the silicon-major revision number that will increase for the subsequent
versions of the DM9102D
3:0
0001
RO
Revision Minor Number
This is the silicon-minor revision number that will increase for the subsequent
versions of the DM9102D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com