Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 9 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 9 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 13Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
Final
9
Version: DM9102D-DS-F01
May 10, 2006
37
TEST1
I
TEST Mode Control 1
In normal operation, tie low to this pin.
94
WOL
O
Wake up signal.
The DM9102D can assert this pin if it detects link status
change, magic packet, or sample frame match. The default is
low active pulse mode. The DM9102D also supports High/Low
and Pulse/Level options from EEPROM setting.
97
X2
O
Crystal feedback output
This pin is used for crystal connection only. Leave this pin open
if oscillator is used.
98
X1/OSC
I
Crystal or Oscillator Input. (25MHz±50ppm)
Connect to a 25MHz Oscillator or series resonance,
fundamental frequency crystal.
102
BGRES
I
Bandgap Voltage Reference Resistor.
It connects to a 6.8KΩ1% error tolerance resistor between this
pin and BGRESG pin, to provide an accurate current reference
for DM9102D (10Base-T/100Base-TX Application).
116
ISOLATE#
I
Isolate
This pin is used to isolate the DM9102D from the PCI bus.
95
VCTRL25
O
Voltage 2.5V control
This pin can be used to control a BJT transistor ‘s base pin to
generate a stable 2.5V power in BJT’s drain pin .
5.6 Power Pins
Pin No.
128LQFP
Pin Name
I/O
Description
101
BGRESG
P
Bandgap Ground
It is used together with the BGRES pin.
100,107,108
AGND
P
Analog Ground
103,104,111,112
AVDD25
P
Analog Power, +2.5V
96
AVDD
P
Analog Power, +3.3V
8,9,15,22,28,29,35,45,
46,58,76,86,99,125
DGND
P
Digital Ground
82,120
DVDD25
P
Digital Power, +2.5V
4,5,12,18,19,25,32,42,52,
53,61,70
DVDD
P
Digital Power, +3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com