Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 36 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 36 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 40Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
36
Final
Version: DM9102D-DS-F01
May 10, 2006
7
TX_HDX
1, RW
100BASE-TX Support:
1=100BASE-TX is supported by the local device.
0=100BASE-TX is not supported.
6
10_FDX
1, RW
10BASE-T Full Duplex Support:
1=10BASE-T Full Duplex is supported by the local device.
0=10BASE-T Full Duplex is not supported.
5
10_HDX
1, RW
10BASE-T Support:
1=10BASE-T is supported by the local device.
0=10BASE-T is not supported.
4:.0
Selector
<00001>,
RW
Protocol Selection Bits:
These bits contain the binary encoded protocol selector supported by this
node. <00001> indicates that this device supports IEEE 802.3 CSMA/CD.
6.3.6 Auto-negotiation Link Partner Ability Register (ANLPAR) – 5
This register contains the advertised abilities of the link partner when received during Auto-negotiation.
Bit
Name
Default
Description
15
NP
0, RO
Next Page Indication:
1= Link partner, next page available
0= Link partner, no next page available
14
ACK
0, RO
Acknowledge:
1=Link partner ability data reception acknowledged
0=Not acknowledged
The DM9102D's Auto-negotiation state machine will automatically control this
bit from the incoming FLP bursts. Software should not attempt to write to this
bit.
13
RF
0, RO
Remote Fault:
1=Remote fault is indicated by link partner.
0=No remote fault is indicated by link partner.
12:10
Reserved
000, RO
Reserved:
Write as 0, ignore on read
9
T4
0, RO
100BASE-T4 Support:
1=100BASE-T4 is supported by the link partner.
0=100BASE-T4 is not supported by the link partner.
8
TX_FDX
0, RO
100BASE-TX Full Duplex Support:
1=100BASE-TX Full Duplex is supported by the link partner.
0=100BASE-TX Full Duplex is not supported by the link partner.
7
TX_HDX
0, RO
100BASE-TX Support:
1=100BASE-TX Half Duplex is supported by the link partner.
0=100BASE-TX Half Duplex is not supported by the link partner.
6
10_FDX
0, RO
10BASE-T Full Duplex Support:
1=10BASE-T Full Duplex is supported by the link partner.
0=10BASE-T Full Duplex is not supported by the link partner.
5
10_HDX
0, RO
10BASE-T Support:
1=10BASE-T Half Duplex is supported by the link partner.
0=10BASE-T Half Duplex is not supported by the link partner.
4:0
Selector
<00000>,
RO
Protocol Selection Bits:
Link partner’s binary encoded protocol selector
6.3.7 Auto-negotiation Expansion Register (ANER) – 6
Bit
Name
Default
Description
15:5
Reserved
0, RO
Reserved:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com