Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 64 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 64 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 61Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 64Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 65Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 66Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 67Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 68Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
64
Final
Version: DM9102D-DS-F01
May 10, 2006
9.4 Power Supply Decoupling Capacitors
•
Place all the decoupling capacitors for all the
power supply pins as close as possible to the
power pads of the DM9102D (no more than
2.5mm from the pins mentioned above.) The
recommended decoupling capacitor is 0.1μF or
0.01μF.
•
The decoupling of PCB layout and power supply
should provide sufficient decoupling to achieve
the following when measured at the device:
(1) All DVDDs and AVDDs should be within 50m
Vpp of each other,
(2) All DGNDs and AGNDs should be within 50m
Vpp of each other.
(3) The resultant AC noise voltage measured
across
each
DVDD/DGND
set
and
AVDD/AGND set should be less than 100m
Vpp.
•
The 0.1-0.01μF decoupling capacitor should be
connected between each DVDD/DGND set and
AVDD/AGND set be placed as close as possible
to the pins of DM9102D. The conservative
approach is to use two decoupling capacitors on
each DVDD/DGND set and AVDD/AGND set.
The 0.1µF capacitor is used for low frequency
noise and the 0.01µF one is for high frequency
noise on the power supply.
• The AVDD connection to the transmit center tap
of the magnetic has to be well decoupled to
minimize common mode noise injection from the
power supply into the twisted pair cable. It is
recommended
that
a
0.01
µF decoupling
capacitor should be placed between the center
tap
AVDD
to
AGND
ground
plane.
This
decoupling capacitor should be placed as close
as possible to the center tap of the magnetic.
Figure 9-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com